Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 112 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 108Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 109Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 110Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 111Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 112Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 113Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 114Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 115Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 126 page
background image
I2C DC and AC parameters
M24LR64-R
112/126
Doc ID 15170 Rev 9
Table 103.
I2C DC characteristics
Symbol
Parameter
Test condition
Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA, E1, E0)
VIN = VSS or VCC
device in Standby mode
± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage
applied on SDA: VSS or VCC
± 2
µA
ICC
Supply current (Read)(1)
1.
SCL, SDA according to AC input waveform Figure 71. E0, E1 connected to Ground or VCC
VCC = 1.8 V, fc = 400 kHz
(rise/fall time < 50 ns)
100
µA
VCC = 2.5 V, fc = 400 kHz
(rise/fall time < 50 ns)
200
VCC = 5.5 V, fc = 400 kHz
(rise/fall time < 50 ns)
500
ICC0
Supply current (Write)(1)
During tW, VCC = 1.8 V
300(2)
2.
Characterized value, not tested in production.
µA
During tW, VCC = 2.5 V
400(2)
During tW, VCC = 5.5 V
700(2)
ICC1
Standby supply current
VIN = VSS or VCC
VCC = 1.8 V
30
µA
VIN = VSS or VCC
VCC = 2.5 V
30
VIN = VSS or VCC
VCC = 5.5 V
40
VIL
Input low voltage (SDA,
SCL)
VCC = 1.8 V
–0.45
0.25VCC
V
VCC = 2.5 V
–0.45
0.25VCC
VCC = 5.5 V
–0.45
0.3VCC
VIH
Input high voltage (SDA,
SCL)
VCC = 1.8 V
0.75VCC
VCC+1
V
VCC = 2.5 V
0.75VCC
VCC+1
VCC = 5.5 V
0.7VCC
VCC+1
VOL
Output low voltage
IOL = 2.1 mA, VCC = 1.8 V or
IOL = 3 mA, VCC = 5.5 V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com