Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 458 page
background image
Chapter 1 Device Overview
MC9S08DZ128 Series Data Sheet, Rev. 1
22
Freescale Semiconductor
t
Table 1-1. MC9S08DZ128 Series Features by MCU and Pin Count
Feature
MC9S08DZ128
MC9S08DZ96
MC9S08DV128
MC9S08DV96
FLASH (bytes)
131,072
98,304
131,072
98,304
RAM (bytes)
8192
6016
6016
4096
EEPROM (bytes)
2048
2048
—
—
Pin quantity
100
64
48
100
64
48
100
64
48
100
64
48
Pin Interrupts
32
24
24
32
24
24
32
24
24
32
24
24
ACMP1
yes
yes
yes
yes
ACMP2
yes1
1 ACMP2O is not available in the 48-pin package.
yes1
yes1
yes1
ADC channels
24
24
16
24
24
16
24
24
16
24
24
16
DBG
yes
yes
yes
yes
IIC1
yes
yes
yes
yes
IIC2
yes
no
no
yes
no
no
yes
no
n o
yes
no
no
IRQ
yes
yes
yes
yes
MCG
yes
yes
yes
yes
MSCAN
yes
yes
yes
yes
RTC
yes
yes
yes
yes
SCI1
yes
yes
yes
yes
SCI2
yes
yes
yes
yes
SPI1
yes
yes
yes
yes
SPI2
yes
no
no
yes
no
no
yes
no
no
yes
no
no
TPM1 channels
6
6
6
6
TPM2 channels
2
2
2
2
TPM3 channels
42
2 TPM3 pins are not available in the 64-pin and 48-pin packages.
42
42
42
XOSC
yes
yes
yes
yes
COP Watchdog
yes
yes
yes
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com