Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 76Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 77Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 78Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 79Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 80Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 83Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 458 page
background image
Chapter 4 Memory
MC9S08DZ128 Series Data Sheet, Rev. 1
80
Freescale Semiconductor
4.6.11.4
FLASH and EEPROM Protection Register (FPROT and NVPROT)
The FPROT register defines which FLASH and EEPROM sectors are protected against program and erase
operations.
During the reset sequence, the FPROT register is loaded from the nonvolatile location NVPROT. To
change the protection that will be loaded during the reset sequence, the sector containing NVPROT must
be unprotected and erased, then NVPROT can be reprogrammed.
FPROT bits are readable at any time and writable as long as the size of the protected region is being
increased. Any write to FPROT that attempts to decrease the size of the protected memory will be ignored.
Trying to alter data in any protected area will result in a protection violation error and the FPVIOL flag
will be set in the FSTAT register. Mass erase is not possible if any one of the sectors is protected.
Figure 4-17. FLASH and EEPROM Protection Register (FPROT)
76543210
R
EPS
FPS
FPOP
W
Reset
FFFFFFFF
Table 4-18. FPROT Register Field Descriptions
Field
Description
7:6
EPS
EEPROM Protect Select Bits — This 2-bit field determines the protected EEPROM locations that cannot be
erased or programmed. See Table 4-19.
5:1
FPS
FLASH Protect Select Bits — With FPOP set, this 5-bit field determines the protected FLASH locations that
cannot be erased or programmed. SeeTable 4-20.
0
FPOP
FLASH Protection Open
0 Flash is fully protected.
1 Flash protected address range determined by FPS bits.
Table 4-19. EEPROM Block Protection
EPS
Protected Address Range
Protected Size
0x3
No protection
0 bytes
0x2
3FF0 - 3FFF
32 bytes
0x1
3FE0 - 3FFF
64 bytes
0x0
3FC0–3FFF
128 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com