Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 51Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 52Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 53Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 54Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 55Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 56Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 57Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 58Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 458 page
background image
Chapter 4 Memory
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
55
High-page registers, shown in Table 4-3, are accessed much less often than other I/O and control registers
so they have been located outside the direct addressable memory space, starting at 0x1800.
0x0075
PTKDD
PTKDD7
PTKDD6
PTKDD5
PTKDD4
PTKDD3
PTKDD2
PTKDD1
PTKDD0
0x0076
PTLD
PTLD7
PTLD6
PTLD5
PTLD4
PTLD3
PTLD2
PTLD1
PTLD0
0x0077
PTLDD
PTLDD7
PTLDD6
PTLDD5
PTLDD4
PTLDD3
PTLDD2
PTLDD1
PTLDD0
0x0078
PPAGE
0
0
0
0
0
XA16
XA15
XA14
0x0079
LAP2
0
0
0
0
0
0
0
LA16
0x007A
LAP1
LA15
LA14
LA13
LA12
LA11
LA10
LA9
LA8
0x007B
LAP0
LA7
LA6
LA5
LA4
LA3
LA2
LA1
LA0
0x007C
LWP
D7
D6
D5
D4
D3
D2
D1
D0
0x007D
LBP
D7
D6
D5
D4
D3
D2
D1
D0
0x007E
LB
D7
D6
D5
D4
D3
D2
D1
D0
0x007F
LAPAB
D7
D6
D5
D4
D3
D2
D1
D0
Table 4-3. High-Page Register Summary (Sheet 1 of 5)
Address
Register Name
Bit 7
654321
Bit 0
0x1800
SRS
POR
PIN
COP
ILOP
ILAD
LOC
LVD
0
0x1801
SBDFR
0
0
0
0
0
0
0
BDFR
0x1802
SOPT1
COPT
STOPE
SCI2PS
IIC1PS
0
0
0
0x1803
SOPT2
COPCLKS
COPW
0
ADHTS
0
MCSEL
0x1804 –
0x1805
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x1806
SDIDH
—
—
—
—
ID11
ID10
ID9
ID8
0x1807
SDIDL
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
0x1808
Reserved
—
—
—
—
—
—
—
—
0x1809
SPMSC1
LVWF
LVWACK
LVWIE
LVDRE
LVDSE
LVDE
0
BGBE
0x180A
SPMSC2
0
0
LVDV
LVWV
PPDF
PPDACK
—
PPDC
0x180B–
0x180F
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x1810
DBGCAH
Bit 15
14
13
12
11
10
9
Bit 8
0x1811
DBGCAL
Bit 7
654321
Bit 0
0x1812
DBGCBH
Bit 15
14
13
12
11
10
9
Bit 8
0x1813
DBGCBL
Bit 7
654321
Bit 0
0x1814
DBGCCH
Bit 15
14
13
12
11
10
9
Bit 8
0x1815
DBGCCL
Bit 7
654321
Bit 0
0x1816
DBGFH
Bit 15
14
13
12
11
10
9
Bit 8
0x1817
DBGFL
Bit 7
654321
Bit 0
0x1818
DBGCAX
RWAEN
RWA
PAGSEL
0
0
0
0
Bit 16
0x1819
DBGCBX
RWBEN
RWB
PAGSEL
0
0
0
0
Bit 16
Table 4-2. Direct-Page Register Summary (Sheet 4 of 4)
Address
Register
Name
Bit 7
654321
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com