Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 32Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 33Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 34Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 35Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 36Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 37Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 38Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 39Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 458 page
background image
Chapter 2 Pins and Connections
MC9S08DZ128 Series Data Sheet, Rev. 1
36
Freescale Semiconductor
51
33
25
PTD2
PID2
TPM1CH0
52
34
26
PTD3
PID3
TPM1CH1
53
35
27
PTD4
PID4
TPM1CH2
54
36
28
PTD5
PID5
TPM1CH3
55
—
—
PTH0
SS2
56
—
—
PTH1
SPSCK2
57
—
—
PTH2
MOSI2
58
—
—
PTH3
MISO2
59
37
—
PTF7
60
—
—
PTL3
61
38
29
VSS
62
39
30
VDD
63
40
31
PTD6
PID6
TPM1CH4
64
41
32
PTD7
PID7
TPM1CH5
65
42
33
BKGD
MS
66
—
—
PTH4
67
—
—
PTH5
68
—
—
PTH6
69
—
—
PTH7
70
43
—
PTC0
ADP16
71
44
34
PTB0
PIB0
ADP8
72
45
—
PTC1
ADP17
73
46
35
PTA0
PIA0
ADP0
MCLK
74
47
—
PTC2
ADP18
75
48
36
PTB1
PIB1
ADP9
76
49
37
PTA1
PIA1
ADP14
ACMP1+4
77
50
38
PTB2
PIB2
ADP10
78
51
39
PTA2
PIA2
ADP24
ACMP1-4
79
52
—
PTC3
ADP19
80
53
40
PTB3
PIB3
ADP11
81
54
41
PTA3
PIA3
ADP3
ACMP1O
82
—
—
PTL4
83
—
—
PTK0
84
—
—
PTK1
85
—
—
PTK2
86
—
—
PTK3
87
55
42
VSSA
88
56
VREFL
Table 2-1. Pin Availability by Package Pin-Count (continued)
Pin Number
<-- Lowest
Priority
--> Highest
100
64
48
Port
Pin/Interrupt
Alt 1
Alt 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com