Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 78Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 79Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 80Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 83Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 84Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 85Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 458 page
background image
Chapter 4 Memory
MC9S08DZ128 Series Data Sheet, Rev. 1
82
Freescale Semiconductor
4.6.11.5
FLASH and EEPROM Status Register (FSTAT)
4.6.11.6
FLASH and EEPROM Command Register (FCMD)
Only six command codes are recognized in normal user modes, as shown in Table 4-22. All other
command codes are illegal and generate an access error. Refer to Section 4.6.3, “Program and Erase
76543210
R
FCBEF
FCCF
FPVIOL
FACCERR
0
FBLANK
0
0
W
Reset
11000000
= Unimplemented or Reserved
Figure 4-18. FLASH and EEPROM Status Register (FSTAT)
Table 4-21. FSTAT Register Field Descriptions
Field
Description
7
FCBEF
Command Buffer Empty Flag — The FCBEF bit is used to launch commands. It also indicates that the
command buffer is empty so that a new command sequence can be executed when performing burst
programming. The FCBEF bit is cleared by writing a 1 to it or when a burst program command is transferred to
the array for programming. Only burst program commands can be buffered.
0 Command buffer is full (not ready for additional commands).
1 A new burst program command can be written to the command buffer.
6
FCCF
Command Complete Flag — FCCF is set automatically when the command buffer is empty and no command
is being processed. FCCF is cleared automatically when a new command is started (by writing 1 to FCBEF to
register a command). Writing to FCCF has no meaning or effect.
0 Command in progress
1 All commands complete
5
FPVIOL
Protection Violation Flag — FPVIOL is set automatically when a command that attempts to erase or program
a location in a protected block (the erroneous command is ignored). FPVIOL is cleared by writing a 1 to FPVIOL.
0 No protection violation.
1 An attempt was made to erase or program a protected location.
4
FACCERR
Access Error Flag — FACCERR is set automatically when the proper command sequence is not obeyed exactly
(the erroneous command is ignored), if a program or erase operation is attempted before the FCDIV register has
been initialized, or if the MCU enters stop while a command was in progress. For a more detailed discussion of
the exact actions that are considered access errors, see Section 4.6.6, “Access Errors.” FACCERR is cleared by
writing a 1 to FACCERR. Writing a 0 to FACCERR has no meaning or effect.
0 No access error.
1 An access error has occurred.
2
FBLANK
Verified as All Blank (erased) Flag — FBLANK is set automatically at the conclusion of a blank check command
if the entire FLASH or EEPROM array was verified to be erased. FBLANK is cleared by clearing FCBEF to write
a new valid command. Writing to FBLANK has no meaning or effect.
0 After a blank check command is completed and FCCF = 1, FBLANK = 0 indicates the FLASH or EEPROM
array is not completely erased.
1 After a blank check command is completed and FCCF = 1, FBLANK = 1 indicates the FLASH or EEPROM
array is completely erased (all 0xFFFF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com