Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 33Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 34Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 35Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 36Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 37Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 38Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 39Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 40Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 458 page
background image
Chapter 2 Pins and Connections
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
37
89
57
43
VREFH
90
58
VDDA
91
—
—
PTK4
92
—
—
PTK5
93
—
—
PTK6
94
—
—
PTK7
95
59
44
PTA4
PIA4
ADP4
96
60
45
PTB4
PIB4
ADP12
97
61
—
PTC4
ADP20
98
62
46
PTA5
PIA5
ADP5
99
63
47
PTB5
PIB5
ADP13
100
64
48
PTA6
PIA6
ADP6
1 Pin does not contain a clamp diode to V
DD and should not be driven above
VDD. The voltage measured on this pin when internal pull-up is enabled may
be as low as VDD - 0.7V. The internal gates connected to this pin are pulled to
VDD.
2 The IIC1 module pins can be repositioned using IIC1PS bit in the SOPT1
register. The default reset locations are on PTF2 and PTF3.
3 The SCI2 module pins can be repositioned using SCI2PS bit in the SOPT1
register. The default reset locations are on PTF0 and PTF1.
4 If both these analog modules are enabled they both will have access to the pin.
Table 2-1. Pin Availability by Package Pin-Count (continued)
Pin Number
<-- Lowest
Priority
--> Highest
100
64
48
Port
Pin/Interrupt
Alt 1
Alt 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com