Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 64Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 65Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 66Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 67Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 68Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 69Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 70Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 71Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 458 page
background image
Chapter 4 Memory
MC9S08DZ128 Series Data Sheet, Rev. 1
68
Freescale Semiconductor
Table 4-12 shows program and erase times. The bus clock frequency and FCDIV determine the frequency
of FCLK (fFCLK). The time for one cycle of FCLK is tFCLK = 1/fFCLK. The times are shown as a number
of cycles of FCLK and as an absolute time for the case where tFCLK =5 μs. Program and erase times
shown include overhead for the command state machine and enabling and disabling of program and erase
voltages.
4.6.3
Program and Erase Command Execution
The FCDIV register must be initialized after any reset and any error flag is cleared before beginning
command execution. The command execution steps are:
1. Write a data value to an address in the FLASH or EEPROM array. The address and data
information from this write is latched into the FLASH and EEPROM interface. This write is a
required first step in any command sequence. For erase and blank check commands, the value of
the data is not important. For sector erase commands, the address can be any address in the sector
of FLASH or EEPROM to be erased. For mass erase and blank check commands, the address can
be any address in the FLASH or EEPROM memory. FLASH and EEPROM erase independently
of each other.
NOTE
Before programming a particular byte in the FLASH or EEPROM, the
sector in which that particular byte resides must be erased by a mass or
sector erase operation. Reprogramming bits in an already programmed byte
without first performing an erase operation may disturb data stored in the
FLASH or EEPROM memory.
2. Write the command code for the desired command to FCMD. The six valid commands are blank
check (0x05), byte program (0x20), burst program (0x25), sector erase (0x40), mass erase (0x41),
and sector erase abort (0x47). The command code is latched into the command buffer.
3. Write a 1 to the FCBEF bit in FSTAT to clear FCBEF and launch the command (including its
address and data information).
A partial command sequence can be aborted manually by writing a 0 to FCBEF any time after the
write to the memory array and before writing the 1 that clears FCBEF and launches the complete
command. Aborting a command in this way sets the FACCERR access error flag which must be
cleared before starting a new command.
Table 4-12. Program and Erase Times
Parameter
Cycles of FCLK
Time if FCLK = 200 kHz
Byte program
9
45
μs
Burst program
4
20
μs1
1 Excluding start/end overhead
Sector erase
4000
20 ms
Mass erase
20,000
100 ms
Sector erase abort
4
20
μs1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com