Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 42Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 43Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 44Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 45Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 46Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 47Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 48Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 49Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 458 page
background image
Chapter 4 Memory
MC9S08DZ128 Series Data Sheet, Rev. 1
46
Freescale Semiconductor
Figure 4-1. MC9S08DZ128 Series Memory Map
0x1_C000 - 0x1_FFFF
DIRECT PAGE
RAM
6016 BYTES
0x0000
0x007F
0x0080
0x18FF
128 BYTES
HIGH PAGE
256 BYTES
16384 BYTES
REGISTERS
REGISTERS
PPAGE=1
FLASH
0x0_0000
Extended Address
CPU Address
0x7FFF
0x4000
Paging Window
Extended addresses
formed with PPAGE
and CPU addresses
A13:A0
All 128K bytes of Flash can
also be accessed through
the linear address pointer.
0x2180
0x17FF
EEPROM1
0x217F
2 x 1024 BYTES
0x1800
0x1900
0x0_3BFF
0x0_3C00
0x3FFF
FLASH
6784 BYTES
PPAGE=0
16384 BYTES
PPAGE=3
FLASH
0x0_3FFF
0x0_4000
0x0_7FFF
0x0_8000
0x0_BFFF
0x0_C000
0x0_FFFF
0x8000
0xBFFF
0xC000
0xFFFF
0x1_8000 - 0x1_BFFF
0x1_4000 - 0x1_7FFF
0x1_0000 - 0x1_3FFF
0x0_C000 - 0x0_FFFF
0x0_8000 - 0x0_BFFF
0x0_4000 - 0x0_7FFF
0x0_0000 - 0x0_3FFF
FLASH
16384 BYTES
Extended Address
0x3BFF
0x3C00
RAM
2176 BYTES
0x0_007F
0x0_0080
0x0_18FF
0x0_2180
0x0_17FF
0x0_217F
0x0_1800
0x0_1900
1 EEPROM address range shows half the total EEPROM. See Section 4.6.10, “EEPROM Mapping” for more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com