Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 31Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 32Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 33Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 34Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 35Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 36Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 37Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 38Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 458 page
background image
Chapter 2 Pins and Connections
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
35
26
17
13
PTE2
SS1
27
18
14
PTE3
SPSCK1
28
19
15
PTE4
SCL12
MOSI1
29
20
16
PTE5
SDA12
MISO1
30
21
—
PTG2
31
22
—
PTG3
32
—
—
PTL6
33
—
—
PTL7
34
23
17
PTF0
TxD23
35
24
18
PTF1
RxD23
36
25
19
PTF2
TPM1CLK
SCL12
37
26
20
PTF3
TPM2CLK
SDA12
38
—
—
VDD
39
—
—
VSS
40
27
—
PTG4
41
28
—
PTG5
42
—
—
PTG6
SCL2
43
—
—
PTG7
SDA2
44
29
21
PTE6
TxD23
TXCAN
45
30
22
PTE7
RxD23
RxCAN
46
—
—
PTL0
47
—
—
PTL1
48
—
—
PTL2
49
31
23
PTD0
PID0
TPM2CH0
50
32
24
PTD1
PID1
TPM2CH1
Table 2-1. Pin Availability by Package Pin-Count (continued)
Pin Number
<-- Lowest
Priority
--> Highest
100
64
48
Port
Pin/Interrupt
Alt 1
Alt 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com