Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 73Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 76Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 77Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 78Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 79Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 80Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 458 page
background image
Chapter 4 Memory
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
77
Table 4-13. FCDIV Register Field Descriptions
Field
Description
7
DIVLD
Divisor Loaded Status Flag — When set, this read-only status flag indicates that the FCDIV register has been
written since reset. Reset clears this bit and the first write to this register causes this bit to become set regardless
of the data written.
0 FCDIV has not been written since reset; erase and program operations disabled for FLASH and EEPROM.
1 FCDIV has been written since reset; erase and program operations enabled for FLASH and EEPROM.
6
PRDIV8
Prescale (Divide) FLASH and EEPROM Clock by 8 (This bit is write once.)
0 Clock input to the FLASH and EEPROM clock divider is the bus rate clock.
1 Clock input to the FLASH and EEPROM clock divider is the bus rate clock divided by 8.
5:0
DIV
Divisor for FLASH and EEPROM Clock Divider — The FLASH and EEPROM clock divider divides the bus rate
clock (or the bus rate clock divided by 8 if PRDIV8 = 1) by the value in the 6-bit DIV field plus one. The resulting
frequency of the internal FLASH and EEPROM clock must fall within the range of 200 kHz to 150 kHz for proper
FLASH and EEPROM operations. Program/Erase timing pulses are one cycle of this internal FLASH and
EEPROM clock which corresponds to a range of 5
μs to 6.7 μs. The automated programming logic uses an
integer number of these pulses to complete an erase or program operation. See Equation 4-1 and Equation 4-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com