Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 76Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 77Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 78Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 79Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 80Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 458 page
background image
Chapter 4 Memory
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
79
4.6.11.3
FLASH and EEPROM Configuration Register (FCNFG)
5
EPGMOD
EEPROM Sector Mode — When this bit is 0, each sector is split into two pages (4-byte mode). When this bit is
1, each sector is in a single page (8-byte mode).
0 Half of each EEPROM sector is in Page 0 and the other half is in Page 1.
1 Each sector is in a single page.
1:0
SEC
Security State Code — This 2-bit field determines the security state of the MCU as shown in Table 4-16. When
the MCU is secure, the contents of RAM, EEPROM and FLASH memory cannot be accessed by instructions
from any unsecured source including the background debug interface. SEC changes to 1:0 after successful
backdoor key entry or a successful blank check of FLASH. For more detailed information about security, refer to
Section 4.6.9, “Security.”
Table 4-16. Security States1
1 SEC changes to 1:0 after successful backdoor key entry
or a successful blank check of FLASH.
SEC[1:0]
Description
0:0
secure
0:1
secure
1:0
unsecured
1:1
secure
76543210
R0
EPGSEL
KEYACC
10001
W
Reset
00010001
= Unimplemented or Reserved
Figure 4-16. FLASH and EEPROM Configuration Register (FCNFG)
Table 4-17. FCNFG Register Field Descriptions
Field
Description
6
EPGSEL
EEPROM Page Select — This bit selects which EEPROM page is accessed in the memory map.
0 Page 0 is in foreground of memory map. Page 1 is in background and can not be accessed.
1 Page 1 is in foreground of memory map. Page 0 is in background and can not be accessed.
5
KEYACC
Enable Writing of Access Key — This bit enables writing of the backdoor comparison key. For more detailed
information about the backdoor key mechanism, refer to Section 4.6.9, “Security.”
0 Writes to 0xFFB0–0xFFB7 are interpreted as the start of a FLASH programming or erase command.
1 Writes to NVBACKKEY (0xFFB0–0xFFB7) are interpreted as comparison key writes.
Table 4-15. FOPT Register Field Descriptions
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com