Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 61Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 62Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 63Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 64Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 65Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 66Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 67Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 68Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 458 page
background image
Chapter 4 Memory
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
65
address of the FLASH memory location to be addressed. When accessing data using LBP, the contents of
LAP2:LAP0 will increment after the read or write is complete.
Accessing LBP does the same thing as accessing LWP. The MMU register ordering of LWP followed by
LBP, allow the user to access data by words using the LDHX or STHX instructions with the address of the
LWP register.
4.4.3.5
Linear Byte Register (LB)
This register is one of three data registers that the user can use to access any FLASH memory location in
the extended address map. When LB is accessed the contents of LAP2:LAP0 make up the extended
address of the FLASH memory location to be addressed.
4.4.3.6
Linear Address Pointer Add Byte Register (LAPAB)
The user can increase or decrease the contents of LAP2:LAP0 by writing a 2s complement value to
LAPAB. The value written will be added to the current contents of LAP2:LAP0.
76543210
R
D7
D6
D5
D4
D3
D2
D1
D0
W
Reset:
0
0
0
0
0
0
0
0
Figure 4-8. Linear Byte Post Increment Register (LBP)
Table 4-9. Linear Byte Post Increment Register Field Descriptions
Field
Description
7:0
D7:D0
Reads of this register will first return the data value pointed to by the linear address pointer, LAP2:LAP0 and then
will increment LAP2:LAP0. Writes to this register will first write the data value to the memory location specified
by the linear address pointer and then will increment LAP2:LAP0. Writes to this register are most commonly used
when writing to the FLASH block(s) during programming.
76543210
R
D7
D6
D5
D4
D3
D2
D1
D0
W
Reset:
0
0
0
0
0
0
0
0
Figure 4-9. Linear Byte Register (LB)
Table 4-10. Linear Data Register Field Descriptions
Field
Description
7:0
D7:D0
Reads of this register returns the data value pointed to by the linear address pointer, LAP2:LAP0. Writes to this
register will write the data value to the memory location specified by the linear address pointer. Writes to this
register are most commonly used when writing to the FLASH block(s) during programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com