Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 86Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 87Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 88Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 89Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 90Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 91Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 92Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 93Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 458 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08DZ128 Series Data Sheet, Rev. 1
90
Freescale Semiconductor
Table 5-1. Vector Summary1
Vector
Number
Address
(High/Low)
Vector
Name
Module
Source
Enable
Description
56-63
0xFF80/0xFF81 -
0xFF8E/0xFF8F
Reserved
55
0xFF90/0xFF91
Vportj
Port J
PTJIF
PTJIE
Port J Pins
54
0xFF92/0xFF93
Viic1
IIC2
IICIS
IICIE
IIC2 control
53
0xFF94/0xFF95
Vspi2
SPI2
SPIF, MODF,
SPTEF
SPIE, SPIE, SPTIE
SPI2
52
0xFF96/0xFF97
Vtpm3ovf
TPM3
TOF
TOIE
TPM3 overflow
51
0xFF98/0xFF99
Vtpm3ch3
TPM3
CH1F
CH3IE
TPM3 channel 3
50
0xFF9A/0xFF9B
Vtpm3ch2
TPM3
CH0F
CH2IE
TPM3 channel 2
49
0xFF9C/0xFF9D
Vtpm3ch1
TPM3
CH1F
CH1IE
TPM3 channel 1
48
0xFF9E/0xFF9F
Vtpm3ch0
TPM3
CH0F
CH0IE
TPM3 channel 0
N/A
0xFFA0 - 0xFFBF
Non-vector space
31
0xFFC0/0xFFC1
Vacmp2
ACMP2
ACF
ACIE
Analog comparator 2
30
0xFFC2/0xFFC3
Vacmp1
ACMP1
ACF
ACIE
Analog comparator 1
29
0xFFC4/0xFFC5
Vcantx
MSCAN
TXE[2:0]
TXEIE[2:0]
CAN transmit
28
0xFFC6/0xFFC7
Vcanrx
MSCAN
RXF
RXFIE
CAN receive
27
0xFFC8/0xFFC9
Vcanerr
MSCAN
CSCIF, OVRIF
CSCIE, OVRIE
CAN errors
26
0xFFCA/0xFFCB
Vcanwu
MSCAN
WUPIF
WUPIE
CAN wake-up
25
0xFFCC/0xFFCD
Vrtc
RTC
RTIF
RTIE
Real-time interrupt
24
0xFFCE/0xFFCF
Viic1
IIC1
IICIS
IICIE
IIC1 control
23
0xFFD0/0xFFD1
Vadc
ADC
COCOF
AIEN
ADC
22
0xFFD2/0xFFD3
Vport
Port A,B,D
PTAIF, PTBIF,
PTDIF
PTAIE, PTBIE, PTDIE Port A, B and D Pins
21
0xFFD4/0xFFD5
Vsci2tx
SCI2
TDRE, TC
TIE, TCIE
SCI2 transmit
20
0xFFD6/0xFFD7
Vsci2rx
SCI2
IDLE, LBKDIF,
RDRF, RXEDGIF
ILIE, LBKDIE, RIE,
RXEDGIE
SCI2 receive
19
0xFFD8/0xFFD9
Vsci2err
SCI2
OR, NF
FE, PF
ORIE, NFIE,
FEIE, PFIE
SCI2 error
18
0xFFDA/0xFFDB
Vsci1tx
SCI1
TDRE, TC
TIE, TCIE
SCI1 transmit
17
0xFFDC/0xFFDD
Vsci1rx
SCI1
IDLE, LBKDIF,
RDRF, RXEDGIF
ILIE, LBKDIE, RIE,
RXEDGIE
SCI1 receive
16
0xFFDE/0xFFDF
Vsci1err
SCI1
OR, NF,
FE, PF
ORIE, NFIE,
FEIE, PFIE
SCI1 error
15
0xFFE0/0xFFE1
Vspi1
SPI1
SPIF, MODF,
SPTEF
SPIE, SPIE, SPTIE
SPI1
14
0xFFE2/0xFFE3
Vtpm2ovf
TPM2
TOF
TOIE
TPM2 overflow
13
0xFFE4/0xFFE5
Vtpm2ch1
TPM2
CH1F
CH1IE
TPM2 channel 1
12
0xFFE6/0xFFE7
Vtpm2ch0
TPM2
CH0F
CH0IE
TPM2 channel 0
11
0xFFE8/0xFFE9
Vtpm1ovf
TPM1
TOF
TOIE
TPM1 overflow
10
0xFFEA/0xFFEB
Vtpm1ch5
TPM1
CH5F
CH5IE
TPM1 channel 5
9
0xFFEC/0xFFED
Vtpm1ch4
TPM1
CH4F
CH4IE
TPM1 channel 4
8
0xFFEE/0xFFEF
Vtpm1ch3
TPM1
CH3F
CH3IE
TPM1 channel 3
7
0xFFF0/0xFFF1
Vtpm1ch2
TPM1
CH2F
CH2IE
TPM1 channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com