Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 30Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 31Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 32Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 33Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 34Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 35Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 36Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 37Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 458 page
background image
Chapter 2 Pins and Connections
MC9S08DZ128 Series Data Sheet, Rev. 1
34
Freescale Semiconductor
NOTE
To avoid extra current drain from floating input pins, the reset initialization
routine in the application program should either enable on-chip pull-up
devices or change the direction of unused or non-bonded pins to outputs so
they do not float.
Table 2-1. Pin Availability by Package Pin-Count
Pin Number
<-- Lowest
Priority
--> Highest
100
64
48
Port
Pin/Interrupt
Alt 1
Alt 2
1
1
1
PTB6
PIB6
ADP14
2
2
—
PTC5
ADP21
3
3
2
PTA7
PIA7
ADP7
IRQ
4
4
—
PTC6
ADP22
5
5
3
PTB7
PIB7
ADP15
6
6
—
PTC7
ADP23
7
—
—
PTJ0
PIJ0
TPM3CH0
8
—
—
PTJ1
PIJ1
TPM3CH1
9
—
—
PTJ2
PIJ2
TPM3CH2
10
—
—
PTJ3
PIJ3
TPM3CH3
11
7
4
VDD
12
8
5
VSS
13
9
6
PTG0
EXTAL
14
10
7
PTG1
XTAL
15
11
8
RESET
16
—
—
PTL5
17
12
9
PTF4
ACMP2+
18
13
10
PTF5
ACMP2-
19
14
—
PTF6
ACMP2O
20
—
—
PTJ4
PIJ4
21
—
—
PTJ5
PIJ5
22
—
—
PTJ6
PIJ6
23
—
—
PTJ7
PIJ7
TPM3CLK
24
15
11
PTE0
TxD1
25
16
12
PTE11
RxD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com