Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 92Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 93Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 94Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 95Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 96Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 97Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 98Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 99Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 458 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08DZ128 Series Data Sheet, Rev. 1
96
Freescale Semiconductor
5.8.4
System Options Register 1 (SOPT1)
This high page register is a write-once register so only the first write after reset is honored. It can be read
at any time. Any subsequent attempt to write to SOPT1 (intentionally or unintentionally) is ignored to
avoid accidental changes to these sensitive settings. This register should be written during the user’s reset
initialization program to set the desired controls even if the desired settings are the same as the reset
settings.
76543210
R
COPT
STOPE
SCI2PS
IIC1PS
000
W
Reset:
11000000
= Unimplemented or Reserved
Figure 5-5. System Options Register 1 (SOPT1)
Table 5-5. SOPT1 Register Field Descriptions
Field
Description
7:6
COPT[1:0]
COP Watchdog Timeout — These write-once bits select the timeout period of the COP. COPT along with
COPCLKS in SOPT2 defines the COP timeout period. See Table 5-6.
5
STOPE
Stop Mode Enable — This write-once bit is used to enable stop mode. If stop mode is disabled and a user
program attempts to execute a STOP instruction, an illegal opcode reset is forced.
0 Stop mode disabled.
1 Stop mode enabled.
4
SCI2PS
SCI2 Pin Select— This write-once bit selects the location of the RxD2 and TxD2 pins of the SCI2 module.
0 TxD2 on PTF0, RxD2 on PTF1.
1 TxD2 on PTE6, RxD2 on PTE7.
3
IIC1PS
IIC1 Pin Select— This write-once bit selects the location of the SCL1 and SDA1 pins of the IIC1 module.
0 SCL1 on PTF2, SDA1 on PTF3.
1 SCL1 on PTE4, SDA1 on PTE5.
Table 5-6. COP Configuration Options
Control Bits
Clock Source
COP Window1 Opens
(COPW = 1)
1 Windowed COP operation requires the user to clear the COP timer in the last 25% of the selected timeout period. This column
displays the minimum number of clock counts required before the COP timer can be reset when in windowed COP mode
(COPW = 1).
COP Overflow Count
COPCLKS
COPT[1:0]
N/A
0:0
N/A
N/A
COP is disabled
0
0:1
1 kHz
N/A
25 cycles (32 ms2)
2 Values shown in milliseconds based on t
LPO = 1 ms. See tLPO in the appendix Section A.12.1, “Control Timing,” for the
tolerance of this value.
0
1:0
1 kHz
N/A
28 cycles (256 ms1)
0
1:1
1 kHz
N/A
210 cycles (1.024 s1)
1
0:1
Bus
6144 cycles
213 cycles
1
1:0
Bus
49,152 cycles
216 cycles
1
1:1
Bus
196,608 cycles
218 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com