Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 59Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 61Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 62Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 63Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 64Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 65Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 66Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 458 page
background image
Chapter 4 Memory
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
63
Accessing either the LBP or LWP registers allows a user program to read successive memory locations
without re-writing the linear address pointer. Accessing LBP or LWP does the exact same function.
However, because of the address mapping of the registers with LBP following LWP, a user can do word
accesses in the extended address space using the LDHX or STHX instructions to access location LWP.
The MMU supports the addition of a 2s complement value to the linear address pointer without using any
math instructions or memory resources. Writes to LAPAB with a 2s complement value will cause the
MMU to add that value to the existing value in LAP2:LAP0.
4.4.3
MMU Registers and Control Bits
4.4.3.1
Program Page Register (PPAGE)
The HCS08 Core architecture limits the CPU addressable space available to 64K bytes. The address space
can be extended to 128K bytes using a paging window scheme. The Program Page (PPAGE) allows for
selecting one of the 16K byte blocks to be accessed through the Program Page Window located at
0x8000-0xBFFF. The CALL and RTC instructions can load or store the value of PPAGE onto or from the
stack during program execution. After any reset, PPAGE is set to PAGE 2.
4.4.3.2
Linear Address Pointer Registers 2:0 (LAP2:LAP0)
The three registers, LAP2:LAP0 contain the 17-bit linear address that allows the user to access any FLASH
location in the extended address map. This register is used in conjunction with the data registers, linear
byte (LB), linear byte post increment (LBP) and linear word post increment (LWP). The contents of
LAP2:LAP0 will auto-increment when accessing data using the LBP and LWP registers. The contents of
LAP2:LAP0 can be increased by writing an 8-bit value to LAPAB.
76543210
R
00000
XA16
XA15
XA14
W
Reset:
0
0
0
0
0
0
1
0
Figure 4-5. Program Page Register (PPAGE)
Table 4-6. Program Page Register Field Descriptions
Field
Description
2:0
XA16:XA14
When the CPU addresses the paging window, 0x8000-0xBFFF, the value in the PPAGE register along with the
CPU addresses A13:A0 are used to create a 17-bit extended address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com