Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 61Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 62Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 63Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 64Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 65Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 66Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 67Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 458 page
background image
Chapter 4 Memory
MC9S08DZ128 Series Data Sheet, Rev. 1
64
Freescale Semiconductor
4.4.3.3
Linear Word Post Increment Register (LWP)
This register is one of three data registers that the user can use to access any FLASH memory location in
the extended address map. When LWP is accessed the contents of LAP2:LAP0 make up the extended
address of the FLASH memory location to be addressed. When accessing data using LWP, the contents of
LAP2:LAP0 will increment after the read or write is complete.
Accessing LWP does the same thing as accessing LBP. The MMU register ordering of LWP followed by
LBP, allow the user to access data by words using the LDHX or STHX instructions of the LWP register.
4.4.3.4
Linear Byte Post Increment Register (LBP)
This register is one of three data registers that the user can use to access any FLASH memory location in
the extended address map. When LBP is accessed the contents of LAP2:LAP0 make up the extended
76543210
R
0000000
LA16
W
R
LA15
LA14
LA13
LA12
LA11
LA10
LA9
LA8
W
R
LA7
LA6
LA5
LA4
LA3
LA2
LA1
LA0
W
Reset:
0
0
0
0
0
0
0
0
Figure 4-6. Linear Address Pointer Registers 2:0 (LAP2:LAP0)
Table 4-7. Linear Address Pointer Registers 2:0 Field Descriptions
Field
Description
16:0
LA16:LA0
The values in LAP2:LAP0 are used to create a 17-bit linear address pointer. The value in these registers are used
as the extended address when accessing any of the data registers LB, LBP and LWP.
76543210
R
D7
D6
D5
D4
D3
D2
D1
D0
W
Reset:
0
0
0
0
0
0
0
0
Figure 4-7. Linear Word Post Increment Register (LWP)
Table 4-8. Linear Word Post Increment Register Field Descriptions
Field
Description
7:0
D7:D0
Reads of this register will first return the data value pointed to by the linear address pointer, LAP2:LAP0 and then
will increment LAP2:LAP0. Writes to this register will first write the data value to the memory location specified
by the linear address pointer and then will increment LAP2:LAP0. Writes to this register are most commonly used
when writing to the FLASH block(s) during programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com