Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 107Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 108Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 109Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 110Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 111Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 112Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 113Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 114Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 458 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
111
6.5.2.5
Port B Drive Strength Selection Register (PTBDS)
6.5.2.6
Port B Interrupt Status and Control Register (PTBSC)
76543210
R
PTBDS7
PTBDS6
PTBDS5
PTBDS4
PTBDS3
PTBDS2
PTBDS1
PTBDS0
W
Reset:
00000000
Figure 6-15. Drive Strength Selection for Port B Register (PTBDS)
Table 6-13. PTBDS Register Field Descriptions
Field
Description
7:0
PTBDS[7:0]
Output Drive Strength Selection for Port B Bits — Each of these control bits selects between low and high
output drive for the associated PTB pin. For port B pins that are configured as inputs, these bits have no effect.
0 Low output drive strength selected for port B bit n.
1 High output drive strength selected for port B bit n.
76543210
R
0000
PTBIF
0
PTBIE
PTBMOD
W
PTBACK
Reset:
00000000
= Unimplemented or Reserved
Figure 6-16. Port B Interrupt Status and Control Register (PTBSC)
Table 6-14. PTBSC Register Field Descriptions
Field
Description
3
PTBIF
Port B Interrupt Flag — PTBIF indicates when a Port B interrupt is detected. Writes have no effect on PTBIF.
0 No Port B interrupt detected.
1 Port B interrupt detected.
2
PTBACK
Port B Interrupt Acknowledge — Writing a 1 to PTBACK is part of the flag clearing mechanism. PTBACK
always reads as 0.
1
PTBIE
Port B Interrupt Enable — PTBIE determines whether a port B interrupt is requested.
0 Port B interrupt request not enabled.
1 Port B interrupt request enabled.
0
PTBMOD
Port B Detection Mode — PTBMOD (along with the PTBES bits) controls the detection mode of the port B
interrupt pins.
0 Port B pins detect edges only.
1 Port B pins detect both edges and levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com