Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 117Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 118Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 119Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 120Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 121Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 122Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 123Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 124Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 458 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
121
6.5.5.3
Port E Pull Enable Register (PTEPE)
NOTE
Pull-down devices only apply when using pin interrupt functions, when
corresponding edge select and pin select functions are configured.
6.5.5.4
Port E Slew Rate Enable Register (PTESE)
Note: Slew rate reset default values may differ between engineering samples and final production parts. Always initialize slew
rate control to the desired value to ensure correct operation.
76543210
R
PTEPE7
PTEPE6
PTEPE5
PTEPE4
PTEPE3
PTEPE2
PTEPE1
PTEPE0
W
Reset:
00000000
Figure 6-34. Internal Pull Enable for Port E Register (PTEPE)
Table 6-32. PTEPE Register Field Descriptions
Field
Description
7:0
PTEPE[7:0]
Internal Pull Enable for Port E Bits — Each of these control bits determines if the internal pull-up device is
enabled for the associated PTE pin. For port E pins that are configured as outputs, these bits have no effect and
the internal pull devices are disabled.
0 Internal pull-up device disabled for port E bit n.
1 Internal pull-up device enabled for port E bit n.
76543210
R
PTESE7
PTESE6
PTESE5
PTESE4
PTESE3
PTESE2
PTESE11
1
PTESE1 has no effect on the input-only PTE1 pin.
PTESE0
W
Reset:
00000000
Figure 6-35. Slew Rate Enable for Port E Register (PTESE)
Table 6-33. PTESE Register Field Descriptions
Field
Description
7:0
PTESE[7:0]
Output Slew Rate Enable for Port E Bits — Each of these control bits determines if the output slew rate control
is enabled for the associated PTE pin. For port E pins that are configured as inputs, these bits have no effect.
0 Output slew rate control disabled for port E bit n.
1 Output slew rate control enabled for port E bit n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com