Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 125Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 126Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 127Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 128Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 129Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 130Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 131Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 132Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 458 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
129
6.5.8
Port H Registers
Port H is controlled by the registers listed below.
6.5.8.1
Port H Data Register (PTHD)
6.5.8.2
Port H Data Direction Register (PTHDD)
76543210
R
PTHD7
PTHD6
PTHD5
PTHD4
PTHD3
PTHD2
PTHD1
PTHD0
W
Reset:
00000000
Figure 6-47. Port H Data Register (PTHD)
Table 6-45. PTHD Register Field Descriptions
Field
Description
7:0
PTHD[7:0]
Port H Data Register Bits — For port H pins that are inputs, reads return the logic level on the pin. For port H
pins that are configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port H pins that are configured as outputs, the logic level is
driven out the corresponding MCU pin.
Reset forces PTHD to all 0s, but these 0s are not driven out the corresponding pins because reset also
configures all port pins as high-impedance inputs with pull-ups disabled.
76543210
R
PTHDD7
PTHDD6
PTHDD5
PTHDD4
PTHDD3
PTHDD2
PTHDD1
PTHDD0
W
Reset:
00000000
Figure 6-48. Port H Data Direction Register (PTHDD)
Table 6-46. PTHDD Register Field Descriptions
Field
Description
7:0
PTHDD[7:0]
Data Direction for Port H Bits — These read/write bits control the direction of port H pins and what is read for
PTHD reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port H bit n and PTHD reads return the contents of PTHDn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com