Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 136 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 136 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 132Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 133Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 134Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 135Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 136Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 137Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 138Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 139Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 140Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 458 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DZ128 Series Data Sheet, Rev. 1
136
Freescale Semiconductor
6.5.10
Port K Registers
Port K is controlled by the registers listed below.
6.5.10.1
Port K Data Register (PTKD)
6.5.10.2
Port K Data Direction Register (PTKDD)
76543210
R
PTKD7
PTKD6
PTKD5
PTKD4
PTKD3
PTKD2
PTKD1
PTKD0
W
Reset:
00000000
Figure 6-60. Port K Data Register (PTKD)
Table 6-58. PTKD Register Field Descriptions
Field
Description
7:0
PTKD[7:0]
Port K Data Register Bits — For port K pins that are inputs, reads return the logic level on the pin. For port K
pins that are configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port K pins that are configured as outputs, the logic level is
driven out the corresponding MCU pin.
Reset forces PTKD to all 0s, but these 0s are not driven out the corresponding pins because reset also configures
all port pins as high-impedance inputs with pull-ups disabled.
76543210
R
PTKDD7
PTKDD6
PTKDD5
PTKDD4
PTKDD3
PTKDD2
PTKDD1
PTKDD0
W
Reset:
00000000
Figure 6-61. Port K Data Direction Register (PTKDD)
Table 6-59. PTKDD Register Field Descriptions
Field
Description
7:0
PTKDD[7:0]
Data Direction for Port K Bits — These read/write bits control the direction of port K pins and what is read for
PTKD reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port K bit n and PTKD reads return the contents of PTKDn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com