Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 98 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 94Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 95Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 96Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 97Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 98Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 99Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 100Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 101Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 240 page
background image
EM351 / EM357
8.6.4
RTS/CTS Flow control
RTS/CTS flow control, also called hardware flow control, uses two signals (nRTS and nCTS) in addition to
received and transmitted data (see Figure 8-5). Flow control is used by a data receiver to prevent buffer
overflow, by signaling an external device when it is and is not allowed to transmit.
Figure 8-5. RTS/CTS Flow Control Connections
The UART RTS/CTS flow control options are selected by the SC_UARTFLOW and SC_UARTAUTO bits in the
SC1_UARTCFG register (see Table 8-12). Whenever the SC_UARTFLOW bit is set, the UART will not start
transmitting a character unless nCTS is low (asserted). If nCTS transitions to the high state (deasserts) while a
character is being transmitted, transmission of that character continues until it is complete.
If the SC_UARTAUTO bit is set, nRTS is controlled automatically by hardware: nRTS is put into the low state
(asserted) when the receive FIFO has room for at least two characters, otherwise is it in the high state
(unasserted). If SC_UARTAUTO is clear, software controls the nRTS output by setting or clearing the
SC_UARTRTS bit in the SC1_UARTCFG register. Software control of nRTS is useful if the external serial device
cannot stop transmitting characters promptly when nRTS is set to the high state (deasserted).
Table 8-12. UART RTS/CTS Flow Control Configurations
SC1_UARTCFG
SC_UARTxxx
1
FLOW
AUTO
RTS
Pins Used
Operating Mode
0
-
-
TXD, RXD
No RTS/CTS flow control
1
0
0/1
TXD, RXD,
nCTS, nRTS
Flow control using RTS/CTS with software control of nRTS:
nRTS controlled by SC_UARTRTS bit in SC1_UARTCFG register
1
1
-
TXD, RXD,
nCTS, nRTS
Flow control using RTS/CTS with hardware control of nRTS:
nRTS is asserted if room for at least 2 characters in receive FIFO
1 The notation xxx means that the corresponding column header below is inserted to form the field name.
8.6.5
DMA
The DMA Channels section describes how to configure and use the serial receive and transmit DMA channels.
The receive DMA channel has special provisions to record UART receive errors. When the DMA channel
transfers a character from the receive FIFO to a buffer in memory, it checks the stored parity and frame error
status flags. When an error is flagged, the SC1_RXERRA/B register is updated, marking the offset to the first
received character with a parity or frame error. Similarly if a receive overrun error occurs, the SC1_RXERRA/B
registers mark the error offset. The receive FIFO hardware generates the INT_SCRXOVF interrupt and DMA
status register indicates the error immediately, but in this case the error offset is 4 characters ahead of the
8-27
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com