Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 5Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 6Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 7Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 8Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 9Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 10Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 11Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 12Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 240 page
background image
EM351 / EM357
1-5
120-035X-000D
Preliminary
Pin #
Signal
Direction
Description
SC2SCLK
O
SPI master clock of Serial Controller 2
Either disable timer output in TIM2_CCER,
or enable remap with TIM2_OR[7]
Enable master with SC2_SPICFG[4]
Select SPI with SC2_MODE
Select alternate output function with GPIO_PACFGL[11:8]
SC2SCLK
I
SPI slave clock of Serial Controller 2
Enable slave with SC2_SPICFG[4]
Select SPI with SC2_MODE
PA3
I/O
Digital I/O
SC2nSSEL
I
SPI slave select of Serial Controller 2
Enable slave with SC2_SPICFG[4]
Select SPI with SC2_MODE
TRACECLK
(see also Pin 36)
O
Synchronous CPU trace clock
Either disable timer output in TIM2_CCER,
or enable remap with TIM2_OR[5]
Enable trace interface in ARM core
Select alternate output function with GPIO_PACFGL[15:12]
TIM2C2
(see also Pin 31)
O
Timer 2 channel 2 output
Disable remap with TIM2_OR[5]
Enable timer output in TIM2_CCER
Select alternate output function with GPIO_PACFGL[15:12]
25
TIM2C2
(see also Pin 31)
I
Timer 2 channel 2 input
Disable remap with TIM2_OR[5]
PA4
I/O
Digital I/O
ADC4
Analog
ADC Input 4
Select analog function with GPIO_PACFGH[3:0]
PTI_EN
O
Frame signal of Packet Trace Interface (PTI)
Disable trace interface in ARM core
Enable PTI in Ember software
Select alternate output function with GPIO_PACFGH[3:0]
26
TRACEDATA2
O
Synchronous CPU trace data bit 2
Select 4-wire synchronous trace interface in ARM core
Enable trace interface in ARM core
Select alternate output function with GPIO_PACFGH[3:0]
PA5
I/O
Digital I/O
ADC5
Analog
ADC Input 5
Select analog function with GPIO_PACFGH[7:4]
PTI_DATA
O
Data signal of Packet Trace Interface (PTI)
Disable trace interface in ARM core
Enable PTI in Ember software
Select alternate output function with GPIO_PACFGH[7:4]
27
nBOOTMODE
I
Embedded serial bootloader activation out of reset
Signal is active during and immediately after a reset on nRESET. See
Section 6.2, Resets, in Chapter 6, System Modules for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com