Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 29Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 30Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 31Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 32Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 33Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 34Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 35Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 36Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 240 page
background image
EM351 / EM357
Table 5-2. Option Byte Write Protection Bit Map
Option Byte
Bit
Notes
Option Byte 0
bit [7:0]
Read protection of all flash (MFB, FIB, CIB)
Option Byte 1
bit [7:0]
Reserved for Ember use
Option Byte 2
bit [7:0]
Available for customer use
Option Byte 3
bit [7:0]
Available for customer use
bit [0]
Write protection of address range 0x08000000 – 0x08001FFF
bit [1]
Write protection of address range 0x08002000 – 0x08003FFF
bit [2]
Write protection of address range 0x08004000 – 0x08005FFF
bit [3]
Write protection of address range 0x08006000 – 0x08007FFF
bit [4]
Write protection of address range 0x08008000 – 0x08009FFF
bit [5]
Write protection of address range 0x0800A000 – 0x0800BFFF
bit [6]
Write protection of address range 0x0800C000 – 0x0800DFFF
Option Byte 4
bit [7]
Write protection of address range 0x0800E000 – 0x0800FFFF
bit [0]
Write protection of address range 0x08010000 – 0x08011FFF
bit [1]
Write protection of address range 0x08012000 – 0x08013FFF
bit [2]
Write protection of address range 0x08014000 – 0x08015FFF
bit [3]
Write protection of address range 0x08016000 – 0x08017FFF
bit [4]
Write protection of address range 0x08018000 – 0x08019FFF
bit [5]
Write protection of address range 0x0801A000 – 0x0801BFFF
bit [6]
Write protection of address range 0x0801C000 – 0x0801DFFF
Option Byte 5
bit [7]
Write protection of address range 0x0801E000 – 0x0801FFFF
bit [0]
Write protection of address range 0x08020000 – 0x08021FFF
bit [1]
Write protection of address range 0x08022000 – 0x08023FFF
bit [2]
Write protection of address range 0x08024000 – 0x08025FFF
bit [3]
Write protection of address range 0x08026000 – 0x08027FFF
bit [4]
Write protection of address range 0x08028000 – 0x08029FFF
bit [5]
Write protection of address range 0x0802A000 – 0x0802BFFF
bit [6]
Write protection of address range 0x0802C000 – 0x0802DFFF
Option Byte 61
bit [7]
Write protection of address range 0x0802E000 – 0x0802FFFF
Option Byte 7
bit [7:0]
Reserved for Ember use
1 Option byte 6 is reserved/unused in the EM351 due to the smaller flash size.
5-6
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com