Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 88Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 89Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 90Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 91Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 92Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 93Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 94Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 95Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 240 page
background image
EM351 / EM357
Full TWI frames have to be constructed by software from individual TWI segments. All necessary segment
transitions are shown in Figure 8-2. ACK or NACK generation of a TWI receive frame segment is determined
with the SC_TWIACK bit in the SCx_TWICTRL2 register.
Figure 8-2. TWI Segment Transitions
RECEIVE Segment
with NACK
RECEIVE Segment
with ACK
IDLE
START Segment
STOP Segment
TRANSMIT Segment
received ACK ?
NO
YES
Generation of a 7-bit address is accomplished with one transmit segment. The upper 7 bits of the transmitted
character contain the 7-bit address. The remaining lower bit contains the command type (“read” or “write”).
Generation of a 10-bit address is accomplished with two transmit segments. The upper 5 bits of the first
transmit character must be set to 0x1E. The next 2 bits are for the 2 most significant bits of the 10-bit
address. The remaining lower bit contains the command type (“read” or “write”). The second transmit
segment is for the remaining 8 bits of the 10-bit address.
Transmitted and received characters are accessed through the SCx_DATA register.
To initiate (re)start and stop segments, set the SC_TWISTART or SC_TWISTOP bit in the SCx_TWICTRL1
register, then wait until the bit is clear. Alternatively, the SC_TWICMDFIN bit in the SCx_TWISTAT can be used
for waiting.
To initiate a transmit segment, write the data to the SCx_DATA data register, then set the SC_TWISEND bit in
the SCx_TWICTRL1 register, and finally wait until the bit is clear. Alternatively the SC_TWITXFIN bit in the
SCx_TWISTAT register can be used for waiting.
To initiate a receive segment, set the SC_TWIRECV bit in the SCx_TWICTRL1 register, wait until it is clear, and
then read from the SCx_DATA register. Alternatively, the SC_TWIRXFIN bit in the SCx_TWISTAT register can be
used for waiting. Now the SC_TWIRXNAK bit in the SCx_TWISTAT register indicates if a NACK or ACK was
received from a TWI slave device.
8.5.4
Interrupts
TWI master controller interrupts are generated on the following events:
Bus command (SC_TWISTART/SC_TWISTOP) completed (0 to 1 transition of SC_TWICMDFIN)
Character transmitted and slave device responded with NACK
8-21
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com