Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 18Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 19Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 20Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 21Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 22Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 23Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 24Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 25Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 240 page
background image
EM351 / EM357
Table 2-8. Transmit Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Maximum output power (boost mode)
At highest boost mode power setting (+8)
8
dBm
Maximum output power
At highest normal mode power setting (+3)
1
5
dBm
Minimum output power
At lowest power setting
-55
dBm
Error vector magnitude
As defined by IEEE 802.15.4-2003, which sets
a 35% maximum
5
15
%
Carrier frequency error
-40
+40
ppm
PSD mask relative
3.5 MHz away
-20
dB
PSD mask absolute
3.5 MHz away
-30
dBm
Figure 2-4 shows the variation of transmit power with temperature for maximum boost mode power, and
normal mode for a typical chip.
Figure 2-4. Transmit power vs temperature
2-9
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com