Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 11Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 12Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 13Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 14Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 15Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 16Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 17Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 18Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 240 page
background image
EM351 / EM357
2-2
120-035X-000D
Preliminary
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating temperature range
-40
+85
°C
2.3
Environmental Characteristics
Table 2-3 lists the rated environmental characteristics of the EM35x.
Table 2-3. Environmental Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ESD (human body model)
On any pin
±2
kV
ESD (charged device model)
Non-RF pins
±400
V
ESD (charged device model)
RF pins
±225
V
Moisture Sensitivity Level (MSL)
MSL3
2.4
DC Electrical Characteristics
Table 2-4 lists the DC electrical characteristics of the EM35x.
Table 2-4. DC Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Regulator input voltage (VDD_PADS)
2.1
3.6
V
Power supply range (VDD_MEM)
Regulator output or external input
1.7
1.8
1.9
V
Power supply range (VDD_CORE)
Regulator output
1.18
1.25
1.32
V
Deep Sleep Current
-40°C, VDD_PADS=3.6 V
0.4
μA
+25°C, VDD_PADS=3.6 V
0.4
μA
Quiescent current, internal RC oscillator
disabled
+85°C, VDD_PADS=3.6 V
0.7
μA
-40°C, VDD_PADS=3.6 V
0.7
μA
+25°C, VDD_PADS=3.6 V
0.7
μA
Quiescent current, including internal RC
oscillator
+85°C, VDD_PADS=3.6 V
1.1
μA
-40°C, VDD_PADS=3.6V
0.8
μA
+25°C, VDD_PADS=3.6 V
1.0
μA
Quiescent current, including 32.768 kHz
oscillator
+85°C, VDD_PADS=3.6 V
1.5
μA
-40°C, VDD_PADS=3.6V
1.1
μA
+25°C, VDD_PADS=3.6 V
1.3
μA
Quiescent current, including internal RC
oscillator and 32.768 kHz oscillator
+85°C, VDD_PADS=3.6 V
1.8
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com