Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 75Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 76Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 77Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 78Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 79Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 80Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 81Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 82Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 240 page
background image
EM351 / EM357
Table 8-4. SPI Master Mode Formats
SCx_SPICFG
SC_SPIxxx
1
MST
ORD
PHA
POL
Frame Formats
1
0
0
0
1
0
0
1
1
0
1
0
1
0
1
1
1
1
-
-
Same as above except data is sent LSB first instead of MSB first
1 The notation xxx means that the corresponding column header below is inserted to form the field name.
8.3.3
Operation
Characters transmitted and received by the SPI master controller are buffered in transmit and receive FIFOs
that are both 4 entries deep. When software writes a character to the SCx_DATA register, the character is
pushed onto the transmit FIFO. Similarly, when software reads from the SCx_DATA register, the character
returned is pulled from the receive FIFO. If the transmit and receive DMA channels are used, they also write to
and read from the transmit and receive FIFOs.
When the transmit FIFO and the serializer are both empty, writing a character to the transmit FIFO clears the
SC_SPITXIDLE bit in the SCx_SPISTAT register. This indicates that some characters have not yet been
transmitted. If characters are written to the transmit FIFO until it is full, the SC_SPITXFREE bit in the
SCx_SPISTAT register is cleared. Shifting out a character to the MOSI pin sets the SC_SPITXFREE bit in the
SCx_SPISTAT register. When the transmit FIFO empties and the last character has been shifted out, the
SC_SPITXIDLE bit in the SCx_SPISTAT register is set.
Characters received are stored in the receive FIFO. Receiving characters sets the SC_SPIRXVAL bit in the
SCx_SPISTAT register, indicating that characters can be read from the receive FIFO. Characters received while
the receive FIFO is full are dropped, and the SC_SPIRXOVF bit in the SCx_SPISTAT register is set. The receive
FIFO hardware generates the INT_SCRXOVF interrupt, but the DMA register will not indicate the error
condition until the receive FIFO is drained. Once the DMA marks a receive error, two conditions will clear the
error indication: setting the appropriate SC_TX/RXDMARST bit in the SCx_DMACTRL register, or loading the
appropriate DMA buffer after it has unloaded.
To receive a character, you must transmit a character. If a long stream of receive characters is expected, a
long sequence of dummy transmit characters must be generated. To avoid software or transmit DMA initiating
these transfers and consuming unnecessary bandwidth, the SPI serializer can be instructed to retransmit the
8-8
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com