Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 7Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 8Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 9Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 10Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 11Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 12Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 13Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 14Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 240 page
background image
EM351 / EM357
1-7
120-035X-000D
Preliminary
Pin #
Signal
Direction
Description
SC1MOSI
I
SPI slave data in of Serial Controller 1
Select SPI with SC1_MODE
Select slave with SC1_SPICR
SC1SCL
I/O
TWI clock of Serial Controller 1
Either disable timer output in TIM2_CCER,
or disable remap with TIM2_OR[5]
Select TWI with SC1_MODE
Select alternate open-drain output function with GPIO_PBCFGL[11:8]
SC1RXD
I
UART receive data of Serial Controller 1
Select UART with SC1_MODE
TIM2C2
(see also Pin 25)
O
Timer 2 channel 2 output
Enable remap with TIM2_OR[5]
Enable timer output in TIM2_CCER
Select alternate output function with GPIO_PBCFGL[11:8]
TIM2C2
(see also Pin 25)
I
Timer 2 channel 2 input
Enable remap with TIM2_OR[5]
SWCLK
I/O
Serial Wire clock input/output with debugger
Selected when in Serial Wire mode (see JTMS description, Pin 35)
32
JTCK
I
JTAG clock input from debugger
Selected when in JTAG mode (default mode, see JTMS description,
Pin 35)
Internal pull-down is enabled
PC2
I/O
Digital I/O
Enable with GPIO_DBGCFG[5]
JTDO
O
JTAG data out to debugger
Selected when in JTAG mode (default mode, see JTMS description,
Pin 35)
33
SWO
O
Serial Wire Output asynchronous trace output to debugger
Select asynchronous trace interface in ARM core
Enable trace interface in ARM core
Select alternate output function with GPIO_PCCFGL[11:8]
Enable Serial Wire mode (see JTMS description, Pin 35)
Internal pull-up is enabled
PC3
I/O
Digital I/O
Either Enable with GPIO_DBGCFG[5],
or enable Serial Wire mode (see JTMS description)
34
JTDI
I
JTAG data in from debugger
Selected when in JTAG mode (default mode, see JTMS description,
Pin 35)
Internal pull-up is enabled
35
PC4
I/O
Digital I/O
Enable with GPIO_DBGCFG[5]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com