Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 50Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 51Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 52Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 53Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 54Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 55Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 56Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 57Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 240 page
background image
EM351 / EM357
Figure 7-2. nBOOTMODE and nRESET Timing
26 µsec min.
512 clocks:
26 µsec min – 85 µsec max
nBOOTMODE
sampled
nBOOTMODE
OSCHF
nRESET
. . .
. . .
. . .
Timing for a power-on-reset is similar except that OSCHF does not begin oscillating until up to 70 µsec after
both core and HV supplies are valid. Combined with the maximum 250 µsec allowed for HV to ramp from 0.5 V
to 1.7 V, an additional 320 µsec may be added to the 512 OSCHF clocks until nBOOTMODE is sampled.
After nBOOTMODE has been sampled, PA5 is configured as a floating input like the other GPIO configurations.
The GPIO_BOOTMODE bit in the GPIO_DBGSTAT register captures the state of nBOOTMODE so that software
may act on this signal if required.
Note:
To avoid inadvertently asserting nBOOTMODE, PA5’s capacitive load may not exceed 250 pF.
7.6
GPIO Modes
7.6.1
Analog Mode
Analog mode enables analog functions, and disconnects a pin from the digital input and output logic. Only the
following GPIO pins have analog functions:
PA4, PA5, PB5, PB6, PB7, and PC1 can be analog inputs to the ADC.
PB0 can be an external analog voltage reference input to the ADC, or it can output the internal analog
voltage reference from the ADC. The Ember software selects an internal or external voltage reference.
PC6 and PC7 can connect to an optional 32.768 kHz crystal.
Note:
When an external timing source is required, a 32.768 kHz crystal is commonly connected to PC6 and
PC7. Alternatively, when PC7 is configured as a digital input, PC7 can accept a digital external clock input.
When configured in analog mode:
The output drivers are disabled.
The internal pull-up and pull-down resistors are disabled.
The Schmitt trigger input is connected to a high logic level.
Reading GPIO_PxIN returns a constant 1.
7-5
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com