Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 99 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 99 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 95Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 96Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 97Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 98Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 99Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 100Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 101Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 102Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 103Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 240 page
background image
EM351 / EM357
actual overflow at the input to the receive FIFO. Two conditions will clear the error indication: setting the
appropriate SC_RXDMARST bit in the SC1_DMACTRL register, or loading the appropriate DMA buffer after it has
unloaded.
8.6.6
Interrupts
UART interrupts are generated on the following events:
Transmit FIFO empty and last character shifted out (depending on SCx_INTMODE, either the 0 to 1
transition or the high level of SC_UARTTXIDLE)
Transmit FIFO changed from full to not full (depending on SCx_INTMODE, either the 0 to 1 transition or the
high level of SC_UARTTXFREE)
Receive FIFO changed from empty to not empty (depending on SCx_INTMODE, either the 0 to 1 transition
or the high level of SC_UARTRXVAL)
Transmit DMA buffer A/B complete (1 to 0 transition of SC_TXACTA/B)
Receive DMA buffer A/B complete (1 to 0 transition of SC_RXACTA/B)
Character received with parity error
Character received with frame error
Character received and lost when receive FIFO was full (receive overrun error)
To enable CPU interrupts, set the desired interrupt bits in the second-level INT_SCxCFG register, and enable
the top-level SCx interrupt in the NVIC by writing the INT_SCx bit in the INT_CFGSET register.
8-28
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com