Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 103 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 103 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 99Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 100Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 101Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 102Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 103Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 104Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 105Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 106Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 107Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 240 page
background image
EM351 / EM357
8-32
120-035X-000D
Preliminary
SC1_UARTFRAC
UART Baud Rate Fractional Period Register
Address: 0x4000C86C Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
SC_UARTFRAC
Bitname
Bitfield
Access
Description
SC_UARTFRAC
[0]
RW
The fractional part of the baud rate period (F) in the equation:
rate = 24MHz / ( (2 * N) + F )
8.7
DMA Channels
The EM35x serial DMA channels enable efficient, high-speed operation of the SPI and UART controllers by
reducing the load on the CPU as well as decreasing the frequency of interrupts that it must service. The
transmit and receive DMA channels can transfer data between the transmit and receive FIFOs and the DMA
buffers in main memory as quickly as it can be transmitted or received. Once software defines, configures,
and activates the DMA, it only needs to handle an interrupt when a transmit buffer has been emptied or a
receive buffer has been filled. The DMA channels each support two memory buffers, labeled A and B, and can
alternate (“ping-pong”) between them automatically to allow continuous communication without critical
interrupt timing.
Note:
DMA memory buffer terminology
load - make a buffer available for the DMA channel to use
pending – a buffer loaded but not yet active
active - the buffer that will be used for the next DMA transfer
unload – DMA channel action when it has finished with a buffer
idle – a buffer that has not been loaded, or has been unloaded
To use a DMA channel, software should follow these steps:
Reset the DMA channel by setting the SC_TXDMARST (or SC_RXDMARST) bit in the SCx_DMACTRL register.
Set up the DMA buffers. The two DMA buffers, A and B, are defined by writing the start address to
SCx_TXBEGA/B (or SCx_RXBEGA/B) and the (inclusive) end address to SCx_TXENDA/B (or SCx_RXENDA/B).
Note that DMA buffers must be in RAM.
Configure and initialize SCx for the desired operating mode.
Enable second-level interrupts triggered when DMA buffers unload by setting the INT_SCTXULDA/B (or
INT_SCRXULDA/B) bits in the INT_SCxFLAG register.
Enable top-level NVIC interrupts by setting the INT_SCx bit in the INT_CFGSET register.
Start the DMA by loading the DMA buffers by setting the SC_TXLODA/B (or SC_RXLODA/B) bits in the
SCx_DMACTRL register.
A DMA buffer’s end address, SCx_TXENDA/B (or SCx_RXENDA/B), can be written while the buffer is loaded or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com