Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 10Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 11Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 12Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 13Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 14Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 15Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 16Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 17Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 240 page
background image
EM351 / EM357
2
Electrical Characteristics
2.1
Absolute Maximum Ratings
Table 2-1 lists the absolute maximum ratings for the EM35x.
Table 2-1. Absolute Maximum Ratings
Parameter
Test Conditions
Min.
Max.
Unit
Regulator input voltage (VDD_PADS)
-0.3
+3.6
V
Analog, Memory and Core voltage
(VDD_24MHZ, VDD_VCO, VDD_RF, VDD_IF,
VDD_PADSA, VDD_MEM, VDD_PRE,
VDD_SYNTH, VDD_CORE)
-0.3
+2.0
V
Voltage on RF_P,N; RF_TX_ALT_P,N
-0.3
+3.6
V
RF Input Power
(for max level for correct packet reception
see Table 2-7)
RX signal into a lossless balun
+15
dBm
Voltage on any GPIO (PA[7:0], PB[7:0],
PC[7:0]), SWCLK, nRESET, VREG_OUT
-0.3
VDD_PADS
+0.3
V
Voltage on any GPIO pin (PA4, PA5, PB5, PB6,
PB7, PC1), when used as an input to the
general purpose ADC with the low voltage
range selected
-0.3
2.0
V
Voltage on OSCA, OSCB, NC
-0.3
VDD_PADSA
+0.3
V
Storage temperature
-40
+140
°C
2.2
Recommended Operating Conditions
Table 2-2 lists the rated operating conditions of the EM35x.
Table 2-2. Operating Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Regulator input voltage (VDD_PADS)
2.1
3.6
V
Analog and memory input voltage
(VDD_24MHZ, VDD_VCO, VDD_RF, VDD_IF,
VDD_PADSA, VDD_MEM, VDD_PRE,
VDD_SYNTH)
1.7
1.8
1.9
V
Core input voltage when supplied from
internal regulator (VDD_CORE)
1.18
1.25
1.32
V
Core input voltage when supplied externally
(VDD_CORE)
1.18
1.9
V
2-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com