Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 23Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 24Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 25Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 26Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 27Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 28Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 29Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 30Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 240 page
background image
EM351 / EM357
4-2
120-035X-000D
Preliminary
nTX_ACTIVE is the alternate function of PC6. See Chapter 7 GPIO for details of the alternate GPIO functions.
The digital I/O that provide these signals have a 4 mA output sink and source capability.
4.3
Calibration
The Ember software calibrates the radio using dedicated hardware resources.
4.4
Integrated MAC Module
The EM35x integrates most of the IEEE 802.15.4-2003 MAC requirements in hardware. This allows the ARM
®
CortexTM-M3 CPU to provide greater bandwidth to application and network operations. In addition, the
hardware acts as a first-line filter for unwanted packets. The EM35x MAC uses a DMA interface to RAM to
further reduce the overall ARM
® CortexTM-M3 CPU interaction when transmitting or receiving packets.
When a packet is ready for transmission, the Ember software configures the Tx MAC DMA by indicating the
packet buffer RAM location. The MAC waits for the backoff period, then switches the baseband to Tx mode
and performs channel assessment. When the channel is clear the MAC reads data from the RAM buffer,
calculates the CRC, and provides 4-bit symbols to the baseband. When the final byte has been read and sent
to the baseband, the CRC remainder is read and transmitted.
The MAC is in Rx mode most of the time. In Rx mode various format and address filters keep unwanted packets
from using excessive RAM buffers, and prevent the CPU from being unnecessarily interrupted. When the
reception of a packet begins, the MAC reads 4-bit symbols from the baseband and calculates the CRC. It then
assembles the received data for storage in a RAM buffer. Rx MAC DMA provides direct access to RAM. Once the
packet has been received additional data, which provides statistical information on the packet to the Ember
software, is appended to the end of the packet in the RAM buffer space.
The primary features of the MAC are:
CRC generation, appending, and checking
Hardware timers and interrupts to achieve the MAC symbol timing
Automatic preamble and SFD pre-pending on Tx packets
Address recognition and packet filtering on Rx packets
Automatic acknowledgement transmission
Automatic transmission of packets from memory
Automatic transmission after backoff time if channel is clear (CCA)
Automatic acknowledgement checking
Time stamping received and transmitted messages
Attaching packet information to received packets (LQI, RSSI, gain, time stamp, and packet status)
IEEE 802.15.4-2003 timing and slotted/unslotted timing
4.5
Packet Trace Interface (PTI)
The EM35x integrates a true PHY-level PTI for effective network-level debugging. It monitors all the PHY Tx
and Rx packets between the MAC and baseband modules without affecting their normal operation. It cannot
be used to inject packets into the PHY/MAC interface. This 500 kbps asynchronous interface comprises the
frame signal (PTI_EN, PA4) and the data signal (PTI_DATA, PA5). PTI is supported by Ember’s InSight
Development tools.
4.6
Random Number Generator
Thermal noise in the analog circuitry is digitized to provide entropy for a true random number generator
(TRNG). The TRNG produces 16-bit uniformly distributed numbers. The Ember software uses the TRNG to seed
a pseudo random number generator (PRNG). The TRNG is also used directly for cryptographic key generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com