Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 85Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 86Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 87Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 88Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 89Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 90Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 91Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 92Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 240 page
background image
EM351 / EM357
8.4.6
Registers
Refer to Registers (in the SPI Master Mode section) for a description of the SCx_DATA, SCx_SPICFG, and
SCx_SPISTAT registers.
8.5
TWI - Two Wire serial Interfaces
Both EM35x serial controllers SC1 and SC2 include a Two Wire serial Interface (TWI) master controller with the
following features:
Uses only two bidirectional GPIO pins
Programmable clock frequency (up to 400 kHz)
Supports both 7-bit and 10-bit addressing
Compatible with Philips’ I2C-bus slave devices
8.5.1
GPIO Usage
The TWI master controller uses just two signals:
SDA (Serial Data) – bidirectional serial data
SCL (Serial Clock) – bidirectional serial clock
Table 8-7 lists the GPIO pins used by the SC1 and SC2 TWI master controllers. Because the pins are configured
as open-drain outputs, they require external pull-up resistors.
Table 8-7. TWI Master GPIO Usage
SDA
SCL
Direction
Input / Output
Input / Output
GPIO Configuration
Alternate Output
(open drain)
Alternate Output
(open drain)
SC1 pin
PB1
PB2
SC2 pin
PA1
PA2
8.5.2
Set Up and Configuration
The TWI controller is enabled by writing 3 to the SCx_MODE register. The TWI controller operates only in
master mode and supports both Standard (100 kbps) and Fast (400 kbps) TWI modes. Address arbitration is not
implemented, so multiple master applications are not supported.
The TWI master controller’s serial clock (SCL) is produced by a programmable clock generator. SCL is
produced by dividing down 12 MHz according to this equation:
EXP
LIN
MHz
rate
2
*
)
1
(
12
+
=
8-18
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com