Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 47Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 48Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 49Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 50Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 51Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 52Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 53Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 54Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 240 page
background image
EM351 / EM357
Each of the three GPIO ports has the following registers whose low-order eight bits correspond to the port’s
eight GPIO pins:
GPIO_PxIN (input data register) returns the pin level (unless in analog mode).
GPIO_PxOUT (output data register) controls the output level in normal output mode.
GPIO_PxCLR (clear output data register) clears bits in GPIO_PxOUT.
GPIO_PxSET (set output data register) sets bits in GPIO_PxOUT.
GPIO_PxWAKE (wake monitor register) specifies the pins that can wake the EM35x.
In addition to these registers, each port has a pair of configuration registers, GPIO_PxCFGH and GPIO_PxCFGL.
These registers specify the basic operating mode for the port’s pins. GPIO_PxCFGL configures the pins Px[3:0]
and GPIO_PxCFGH configures the pins Px[7:4]. For brevity, the notation GPIO_PxCFGH/L refers to the pair of
configuration registers.
Five GPIO pins (PA6, PA7, PB6, PB7 and PC0) can sink and source higher current than standard GPIO outputs.
Refer to Table 2-5, Digital I/O Specifications in Chapter 2, Electrical Characteristics, for more information.
7.2
Configuration
Each pin has a 4-bit configuration value in the GPIO_PxCFGH/L register. The various GPIO modes and their
4-bit configuration values are shown in Table 7-1.
Table 7-1. GPIO Configuration Modes
GPIO Mode
GPIO_PxCFGH/L Description
Analog
0x0
Analog input or output. When in analog mode, the digital input
(GPIO_PxIN) always reads 1.
Input (floating)
0x4
Digital input without an internal pull up or pull down. Output is
disabled.
Input (pull-up or
pull-down)
0x8
Digital input with an internal pull up or pull down. A set bit in
GPIO_PxOUT selects pull up and a cleared bit selects pull down.
Output is disabled.
Output (push-
pull)
0x1
Push-pull output. GPIO_PxOUT controls the output.
Output (open-
drain)
0x5
Open-drain output. GPIO_PxOUT controls the output. If a pull up is
required, it must be external.
Alternate Output
(push-pull)
0x9
Push-pull output. An onboard peripheral controls the output.
Alternate Output
(open-drain)
0xD
Open-drain output. An onboard peripheral controls the output. If a
pull up is required, it must be external.
If a GPIO has two peripherals that can be the source of alternate output mode data, then other registers in
addition to GPIO_PxCFGH/L determine which peripheral controls the output.
Several GPIOs share an alternate output with Timer 2 and the Serial Controllers. Bits in Timer 2’s TIM2_OR
register control routing Timer 2 outputs to different GPIOs. Bits in Timer 2’s TIM2_CCER register enable Timer
2 outputs. When Timer 2 outputs are enabled they override Serial Controller outputs. Table 7-2 indicates the
GPIO mapping for Timer 2 outputs depending on the bits in the register TIM2_OR. Refer to Chapter 9, General
Purpose Timers for complete information on timer configuration.
7-2
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com