Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 34Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 35Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 36Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 37Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 38Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 39Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 40Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 41Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 240 page
background image
EM351 / EM357
6.2.1
Reset Sources
6.2.1.1
Power-On-Resets (POR HV and POR LV)
The EM35x measures the voltage levels supplied to the three power domains. If a supply voltage drops below a
low threshold, then a reset is applied. The reset is released if the supply voltage rises above a high threshold.
There are three detection circuits for power-on-reset as follows:
POR HV monitors the always-on domain supply voltage. Thresholds are given in Table 6-1.
POR LVcore monitors the core domain supply voltage. Thresholds are given in Table 6-2
POR LVmem monitors the memory supply voltage. Thresholds are given in Table 6-3.
Table 6-1. POR HV Thresholds
Parameter
Test conditions
Min
Typ
Max
Unit
Always-on domain release
0.62
0.95
1.20
V
Always-on domain assert
0.45
0.65
0.85
V
Supply rise time
From 0.5 V to 1.7 V
250
µs
Table 6-2. POR LVcore Thresholds
Parameter
Test conditions
Min
Typ
Max
Unit
1.25 V domain release
0.9
1.0
1.1
V
1.25 V domain assert
0.8
0.9
1.0
V
Table 6-3 POR LVmem Thresholds
Parameter
Test conditions
Min
Typ
Max
Unit
1.8 V domain release
1.35
1.5
1.65
V
1.8 V domain assert
1.26
1.4
1.54
V
The POR LVcore and POR LVmem reset sources are merged to provide a single reset source, POR LV, to the
Reset Generation module, since the detection of either event needs to reset the same system modules.
6.2.1.2
nRESET Pin
A single active low pin, nRESET, is provided to reset the system. This pin has a Schmitt triggered input.
To afford good noise immunity and resistance to switch bounce, the pin is filtered with the Reset Filter
module and generates the reset source RSTB to the Reset Generation module. Table 6-4 contains the
specification for the filter.
Table 6-4. Reset Filter Specification for RSTB
Parameter
Min
Typ
Max
Unit
Reset filter time constant
2.1
12.0
16.0
µs
Reset pulse width to guarantee a reset
26.0
µs
Reset pulse width guaranteed not to cause a reset
0
1.0
µs
6-3
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com