Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 81Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 82Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 83Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 84Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 85Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 86Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 87Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 88Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 240 page
background image
EM351 / EM357
8-14
120-035X-000D
Preliminary
SCx_RATEEXP
SC1_RATEEXP
Serial Clock Exponential Prescaler Register
Address: 0x4000C864 Reset: 0x0
SC2_RATEEXP
Serial Clock Exponential Prescaler Register
Address: 0x4000C064 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
0
0
0
0
SC_RATEEXP
Bitname
Bitfield
Access
Description
SC_RATEEXP
[3:0]
RW
The exponential component (EXP) of the clock rate in the equation:
rate = 12MHz / ( (LIN + 1) * (2^EXP) )
8.4
SPI - Slave Mode
Both SC1 and SC2 SPI controllers include a SPI slave controller with these features:
Full duplex operation
Up to 5 Mbps data transfer rate
Programmable clock polarity and clock phase
Selectable data shift direction (either LSB or MSB first)
Slave select input
8.4.1
GPIO Usage
The SPI slave controller uses four signals:
MOSI (Master Out, Slave In) – inputs serial data from the master
MISO (Master In, Slave Out) – outputs serial data to the master
SCLK (Serial Clock) – clocks data transfers on MOSI and MISO
nSSEL (Slave Select) – enables serial communication with the slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com