Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 38Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 39Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 40Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 41Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 42Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 43Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 44Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 45Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 240 page
background image
EM351 / EM357
6.3.1
High-Frequency Internal RC Oscillator (OSCHF)
The high-frequency RC oscillator (OSCHF) is used as the default system clock source when power is applied to
the core domain. The nominal frequency coming out of reset is 12 MHz and Ember software calibrates this
clock to 12 MHz. Table 6-6 contains the specification for the high frequency RC oscillator.
Most peripherals, excluding the radio peripheral, are fully functional using the OSCHF clock source.
Application software must be aware that peripherals are clocked at different speeds depending on whether
OSCHF or OSC24M is being used. Since the frequency step of OSCHF is 0.3 MHz and the high-frequency crystal
oscillator is used for calibration, the calibrated accuracy of OSCHF is ±150 kHz ±40 ppm. The UART and ADC
peripherals may not be usable due to the lower accuracy of the OSCHF frequency.
Table 6-6. High-Frequency RC Oscillator Specification
Parameter
Test conditions
Min
Typ
Max
Unit
Frequency at reset
6
12
20
MHz
Frequency Steps
0.3
MHz
Duty cycle
40
60
%
Supply dependence
Change in supply = 0.1 V
Test at supply changes: 1.8 V to 1.7 V
5
%
6.3.2
High-Frequency Crystal Oscillator (OSC24M)
The high-frequency crystal oscillator (OSC24M) requires an external 24 MHz crystal with an accuracy of
±40 ppm. Based upon the application’s bill of materials and current consumption requirements, the external
crystal may cover a range of ESR requirements. Table 6-7 contains the specification for the high frequency
crystal oscillator.
The crystal oscillator has a software-programmable bias circuit to minimize current consumption. Ember
software configures the bias circuit for minimum current consumption.
All peripherals including the radio peripheral are fully functional using the OSC24M clock source. Application
software must be aware that peripherals are clocked at different speeds depending on whether OSCHF or
OSC24M is being used.
If the 24 MHz crystal fails, a hardware failover mechanism forces the system to switch back to the high-
frequency RC oscillator as the main clock source, and a non-maskable interrupt (NMI) is signaled to the ARM
®
CortexTM-M3 NVIC.
Table 6-7. High-Frequency Crystal Oscillator Specification
Parameter
Test conditions
Min
Typ
Max
Unit
Frequency
24
MHz
Accuracy
-40
+40
ppm
Duty cycle
40
60
%
Start-up time at max bias
1
ms
Start up time at optimal bias
2
ms
Current consumption
200
300
μA
6-7
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com