Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 178 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 178 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 174Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 175Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 176Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 177Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 178Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 179Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 180Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 181Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 182Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 240 page
background image
EM351 / EM357
Reset initializes the offset to zero (ADC_OFFSET = 0) and gain factor to one (ADC_GAIN = 0x8000).
10.1.4 DMA
The ADC DMA channel writes converted data, which incorporates the offset/gain correction, into a DMA buffer
in RAM.
The ADC DMA buffer is defined by two registers:
ADC_DMABEG is the start address of the buffer and must be even.
ADC_DMASIZE specifies the size of the buffer in 16-bit samples, or half its length in bytes.
To prepare the DMA channel for operation, reset it by writing the ADC_DMARST bit in the ADC_DMACFG
register, then start the DMA in either linear or auto wrap mode by setting the ADC_DMALOAD bit in the
ADC_DMACFG register. The ADC_DMAAUTOWRAP bit in the ADC_DMACFG register selects the DMA mode: 0 for
linear mode, 1 for auto wrap mode.
In linear mode the DMA writes to the buffer until the number of samples given by ADC_DMASIZE has been
output. The DMA then stops and sets the INT_ADCULDFULL bit in the INT_ADCFLAG register. If another ADC
conversion completes before the DMA is reset or the ADC is disabled, the INT_ADCOVF bit in the
INT_ADCFLAG register is set.
In auto wrap mode the DMA writes to the buffer until it reaches the end, then resets its pointer to the
start of the buffer and continues writing samples. The DMA transfers continue until the ADC is disabled or
the DMA is reset.
When the DMA fills the lower and upper halves of the buffer, it sets the INT_ADCULDHALF and
INT_ADCULDFULL bits, respectively, in the INT_ADCFLAG register. The current location to which the DMA is
writing can also be determined by reading the ADC_DMACUR register.
10.1.5 ADC Configuration Register
The ADC configuration register (ADC_CFG) sets up most of the ADC operating parameters.
10.1.5.1 Input
The analog input of the ADC can be chosen from various sources. The analog input is configured with the
ADC_MUXP and ADC_MUXN bits within the ADC_CFG register. Table 10-2 shows the possible input selections.
10-3
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com