Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 241 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 241 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 237Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 238Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 239Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 240Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 241Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 242Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 243Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 244Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 245Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 500 page
background image
M68HC16 Z SERIES
MULTICHANNEL COMMUNICATION INTERFACE
USER’S MANUAL
10-1
SECTION 10
MULTICHANNEL COMMUNICATION INTERFACE
This section is an overview of the multichannel communication interface (MCCI) mod-
ule. Refer to the
MCCI Reference Manual (MCCIRM/AD) for more information on
MCCI capabilities. Refer to APPENDIX A ELECTRICAL CHARACTERISTICS for
MCCI timing and electrical specifications. Refer to D.7 Multichannel Communication
Interface Module for register address mapping and bit/field definitions.
10.1 General
The MCCI contains three serial interfaces: a serial peripheral interface (SPI) and two
serial communication interfaces (SCI). Figure 10-1 is a block diagram of the MCCI.
The MCCI is present only on MC68HC16Z4 and MC68CK16Z4 microcontrollers.
Figure 10-1 MCCI Block Diagram
The SPI provides easy peripheral expansion or interprocessor communication via a
full-duplex, synchronous, three-line bus: data in, data out, and a serial clock. Serial
transfer of eight or sixteen bits can begin with the most significant bit (MSB) or least
significant bit (LSB). The MCCI module can be configured as a master or slave device.
Clock control logic allows a selection of clock polarity and a choice of two clocking pro-
tocols to accommodate most available synchronous serial peripheral devices. When
the SPI is configured as a master, software selects one of 254 different bit rates for the
serial clock.
MCCI BLOCK
INTERMODULE BUS (IMB)
BUS INTERFACE UNIT
SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL COMMUNICATION INTERFACE (SCIB)
SERIAL COMMUNICATION INTERFACE (SCIA)
PORT
MCCI
PMC0/MISO
PMC1/MOSI
PMC2/SCK
PMC3/SS
PMC4/RXDB
PMC5/TXDB
PMC6/RXDA
PMC7/TXDA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com