Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 245 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 245 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 241Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 242Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 243Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 244Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 245Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 246Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 247Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 248Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 249Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 500 page
background image
M68HC16 Z SERIES
MULTICHANNEL COMMUNICATION INTERFACE
USER’S MANUAL
10-5
Figure 10-2 SPI Block Diagram
Clock control logic allows a selection of clock polarity and a choice of two clocking pro-
tocols to accommodate most available synchronous serial peripheral devices. When
the SPI is configured as a master, software selects one of 254 different bit rates for the
serial clock.
During an SPI transfer, data is simultaneously transmitted (shifted out serially) and re-
ceived (shifted in serially). A serial clock line synchronizes shifting and sampling of the
information on the two serial data lines. A slave-select line allows individual selection
of a slave SPI device. Slave devices which are not selected do not interfere with SPI
bus activities. On a master SPI device the slave-select line can optionally be used to
indicate a multiple-master bus contention.
MCCI SPI BLOCK
S
M
M
S
M
S
MISO
PMC0
MOSI
PMC1
SCK
PMC2
SS
PMC3
SPI CONTROL
SHIFT
CONTROL
LOGIC
CLOCK
SPI CONTROL REGISTER
SELECT
SPI CLOCK (MASTER)
CLOCK
SPI STATUS REGISTER
MSTR
SPE
SPI INTERRUPT
INTERNAL
DATA BUS
REQUEST
LOGIC
8/16-BIT SHIFT REGISTER
READ DATA BUFFER
MSB
LSB
MODULUS
COUNTER
INTERNAL
MCU CLOCK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com