Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 248 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 248 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 244Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 245Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 246Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 247Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 248Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 249Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 250Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 251Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 252Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 500 page
background image
MULTICHANNEL COMMUNICATION INTERFACE
M68HC16 Z SERIES
10-8
USER’S MANUAL
Data transfer is synchronized with the internally-generated serial clock (SCK). Control
bits CPHA and CPOL in SPCR control clock phase and polarity. Combinations of
CPHA and CPOL determine the SCK edge on which the master MCU drives outgoing
data from the MOSI pin and latches incoming data from the MISO pin.
10.3.3.2 Slave Mode
Clearing the MSTR bit in SPCR selects slave mode operation. In slave mode, the SPI
is unable to initiate serial transfers. Transfers are initiated by an external bus master.
Slave mode is typically used on a multimaster SPI bus. Only one device can be bus
master (operate in master mode) at any given time.
When using the SPI in slave mode, include the following steps:
1. Write to the MMCR and interrupt registers. Refer to 10.5 MCCI Initialization for
more information.
2. Write to the MPAR to assign the following pins to the SPI: MISO, MOSI, and
SS. MISO is used for serial data output in slave mode, and MOSI is used for
serial data input. Either or both may be necessary, depending on the particular
application. SCK is the input serial clock. SS selects the SPI when asserted.
3. Write to the MDDR to direct the data flow on SPI pins. Configure the SCK,
MOSI, and SS pins as inputs. Configure MISO as an output.
4. Write to the SPCR to assign values for CPHA, CPOL, SIZE, LSBF, WOMP, and
SPIE. Set the MSTR bit to select master operation. Set the SPE bit to enable
the SPI. (The BAUD field in the SPCR of the slave device has no effect on SPI
operation.)
When SPE is set and MSTR is clear, a low state on the SS pin initiates slave mode
operation. The SS pin is used only as an input.
After a byte or word of data is transmitted, the SPI sets the SPIF flag. If the SPIE bit in
SPCR is set, an interrupt request is generated when SPIF is asserted.
Transfer is synchronized with the externally generated SCK. The CPHA and CPOL
bits determine the SCK edge on which the slave MCU latches incoming data from the
MOSI pin and drives outgoing data from the MISO pin.
10.3.4 SPI Clock Phase and Polarity Controls
Two bits in the SPCR determine SCK phase and polarity. The clock polarity (CPOL)
bit selects clock polarity (high true or low true clock). The clock phase control bit
(CPHA) selects one of two transfer formats and affects the timing of the transfer. The
clock phase and polarity should be the same for the master and slave devices. In some
cases, the phase and polarity may be changed between transfers to allow a master
device to communicate with slave devices with different requirements. The flexibility
of the SPI system allows it to be directly interfaced to almost any existing synchronous
serial peripheral.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com