Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 247 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 247 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 243Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 244Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 245Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 246Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 247Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 248Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 249Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 250Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 251Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 500 page
background image
M68HC16 Z SERIES
MULTICHANNEL COMMUNICATION INTERFACE
USER’S MANUAL
10-7
10.3.3 SPI Operating Modes
The SPI operates in either master or slave mode. Master mode is used when the MCU
originates data transfers. Slave mode is used when an external device initiates serial
transfers to the MCU. The MSTR bit in SPCR selects master or slave operation.
10.3.3.1 Master Mode
Setting the MSTR bit in SPCR selects master mode operation. In master mode, the
SPI can initiate serial transfers but cannot respond to externally initiated transfers.
When the slave-select input of a device configured for master mode is asserted, a
mode fault occurs.
When using the SPI in master mode, include the following steps:
1. Write to the MMCR, MIVR, and ILSPI. Refer to 10.5 MCCI Initialization for
more information.
2. Write to the MPAR to assign the following pins to the SPI: MISO, MOSI, and
(optionally) SS. MISO is used for serial data input in master mode, and MOSI
is used for serial data output. Either or both may be necessary, depending on
the particular application. SS is used to generate a mode fault in master mode.
If this SPI is the only possible master in the system, the SS pin may be used for
general-purpose I/O.
3. Write to the MDDR to direct the data flow on SPI pins. Configure the SCK (serial
clock) and MOSI pins as outputs. Configure MISO and (optionally) SS as in-
puts.
4. Write to the SPCR to assign values for BAUD, CPHA, CPOL, SIZE, LSBF,
WOMP, and SPIE. Set the MSTR bit to select master operation. Set the SPE
bit to enable the SPI.
5. Enable the slave device.
6. Write appropriate data to the SPI data register to initiate the transfer.
When the SPI reaches the end of the transmission, it sets the SPIF flag in the SPSR.
If the SPIE bit in the SPCR is set, an interrupt request is generated when SPIF is as-
serted. After the SPSR is read with SPIF set, and then the SPDR is read or written to,
the SPIF flag is automatically cleared.
Table 10-3 SPI Pin Functions
Pin Name
Mode
Function
Master in, slave out (MISO)
Master
Provides serial data input to the SPI
Slave
Provides serial data output from the SPI
Master out, slave in (MOSI)
Master
Provides serial output from the SPI
Slave
Provides serial input to the SPI
Serial clock (SCK)
Master
Provides clock output from the SPI
Slave
Provides clock input to the SPI
Slave select (SS)
Master
Detects bus-master mode fault
Slave
Selects the SPI for an externally-initiated serial transfer
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com