Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 243 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 243 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 239Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 240Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 241Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 242Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 243Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 244Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 245Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 246Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 247Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 500 page
background image
M68HC16 Z SERIES
MULTICHANNEL COMMUNICATION INTERFACE
USER’S MANUAL
10-3
To ensure that the MCCI stops in a known state, assert the STOP bit before executing
the CPU LPSTOP instruction. Before asserting the STOP bit, disable the SPI (clear
the SPE bit) and disable the SCI receivers and transmitters (clear the RE and TE bits).
Complete transfers in progress before disabling the SPI and SCI interfaces.
Once the STOP bit is asserted, it can be cleared by system software or by reset.
10.2.1.2 Privilege Levels
The supervisor bit (SUPV) in the MMCR has no effect since the CPU16 operates only
in the supervisor mode.
10.2.1.3 MCCI Interrupts
The interrupt request level of each of the three MCCI interfaces can be programmed
to a value of zero (interrupts disabled) through seven (highest priority). These levels
are selected by the ILSCIA and ILSCIB fields in the SCI interrupt level register (ILSCI)
and the ILSPI field in the SPI interrupt level register (ILSPI). In case two or more MCCI
submodules request an interrupt simultaneously and are assigned the same interrupt
request level, the SPI submodule is given the highest priority and SCIB is given the
lowest.
When an interrupt is requested which is at a higher level than the interrupt mask in the
CPU status register, the CPU initiates an interrupt acknowledge cycle. During this cy-
cle, the MCCI compares its interrupt request level to the level recognized by the CPU.
If a match occurs, arbitration with other modules begins.
Interrupting modules present their arbitration number on the IMB, and the module with
the highest number wins. The arbitration number for the MCCI is programmed into the
interrupt arbitration (IARB) field of the MMCR. Each module should be assigned a
unique arbitration number. The reset value of the IARB field is $0, which prevents the
MCCI from arbitrating during an interrupt acknowledge cycle. The IARB field should
be initialized by system software to a value from $F (highest priority) through $1 (low-
est priority). Otherwise, the CPU identifies any interrupts generated as spurious and
takes a spurious-interrupt exception.
If the MCCI wins the arbitration, it generates an interrupt vector that uniquely identifies
the interrupting serial interface. The six MSBs are read from the interrupt vector (INTV)
field in the MCCI interrupt vector register (MIVR). The two LSBs are assigned by the
MCCI according to the interrupting serial interface, as indicated in Table 10-1.
Table 10-1 MCCI Interrupt Vectors
Interface
INTV[1:0]
SCIA
00
SCIB
01
SPI
10
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com