Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 364 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 364 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 360Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 361Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 362Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 363Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 364Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 365Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 366Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 367Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 368Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 500 page
background image
MECHANICAL DATA AND ORDERING INFORMATION
M68HC16 Z SERIES
B-8
USER’S MANUAL
B.1 Obtaining Updated M68HC16 Z-Series MCU Mechanical Information
Although all devices manufactured by Freescale conform to current JEDEC standards,
complete mechanical information regarding M68HC16 Z-series microcontrollers is
available through Motorola’s Design-Net.
To download updated package specifications, perform the following steps:
1. Visit the Design-Net case outline database search engine at
http://design-net.com/cgi-bin/cases.
2. Enter the case outline number, located in Figure B-3 without the revision code
(for example, 831A, not 831A-01) in the field next to the search button.
3. Download the file with the new package diagram.
B.2 Ordering Information
Use the information in Table B-1 to specify the appropriate device when placing an
order.
Table B-1 M68HC16 Z-Series Ordering Information
(Shaded cells indicate preliminary part numbers)
Device
Crystal
Input
Operating
Voltage
Package
Type
Temperature
Frequency
(MHz)
Package
Order
Quantity
Order Number
MC68HC16Z1
32 kHz
5 V
132-Pin
PQFP
–40 to +85
°C
16 MHz
2
SPMCK16Z1CFC16
36
MCK68HC16Z1CFC16
180
MCK16Z1CFC16B1
20 MHz
2
SPMCK16Z1CFC20
36
MCK68HC16Z1CFC20
180
MCK16Z1CFC20B1
25 MHz
2
SPMCK16Z1CFC25
36
MCK68HC16Z1CFC25
180
MCK16Z1CFC25B1
–40 to +105
°C
16 MHz
2
SPMCK16Z1VFC16
36
MCK68HC16Z1VFC16
180
MCK16Z1VFC16B1
20 MHz
2
SPMCK16Z1VFC20
36
MCK68HC16Z1VFC20
180
MCK16Z1VFC20B1
25 MHz
2
SPMCK16Z1VFC25
36
MCK68HC16Z1VFC25
180
MCK16Z1VFC25B1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com