Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 366 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 366 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 362Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 363Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 364Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 365Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 366Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 367Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 368Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 369Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 370Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 500 page
background image
MECHANICAL DATA AND ORDERING INFORMATION
M68HC16 Z SERIES
B-10
USER’S MANUAL
MC68HC16Z1
4 MHz
2.7 V
144-Pin
TQFP
–40 to +85
°C
16 MHz
2
SPMCCM16Z1CPV16
60
MC68CM16Z1CPV16
300
MCCM16Z1CPV16B1
MC68HC16Z2
(ROM)
4 MHz
or
32 kHz
5 V
132-Pin
PQFP
–40 to +85
°C
16 MHz
2
NA
36
MC68HC16Z2CFC16
180
NA
20 MHz
2
NA
36
MC68HC16Z2CFC20
180
NA
25 MHz
2
NA
36
MC68HC16Z2CFC25
180
NA
–40 to +105
°C
16 MHz
2
NA
36
MC68HC16Z2VFC16
180
NA
20 MHz
2
NA
36
MC68HC16Z2VFC20
180
NA
25 MHz
2
NA
36
MC68HC16Z2VFC25
180
NA
–40 to +125
°C
16 MHz
2
NA
36
MC68HC16Z2MFC16
180
NA
20 MHz
2
NA
36
MC68HC16Z2MFC20
180
NA
144-Pin
TQFP
–40 to +85
°C
16 MHz
2
NA
60
MC68HC16Z2CPV16
300
NA
20 MHz
2
NA
60
MC68HC16Z2CPV20
300
NA
25 MHz
2
NA
60
MC68HC16Z2CPV25
300
NA
Table B-1 M68HC16 Z-Series Ordering Information (Continued)
(Shaded cells indicate preliminary part numbers)
Device
Crystal
Input
Operating
Voltage
Package
Type
Temperature
Frequency
(MHz)
Package
Order
Quantity
Order Number
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com