Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 365 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 365 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 361Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 362Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 363Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 364Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 365Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 366Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 367Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 368Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 369Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 500 page
background image
M68HC16 Z SERIES
MECHANICAL DATA AND ORDERING INFORMATION
USER’S MANUAL
B-9
MC68HC16Z1
32 kHz
5 V
132-Pin
PQFP
–40 to +125
°C
16 MHz
2
SPMCK16Z1MFC16
36
MCK68HC16Z1MFC16
180
MCK16Z1MFC16B1
20 MHz
2
SPMCK16Z1MFC20
36
MCK68HC16Z1MFC20
180
MCK16Z1MFC20B1
MC68HC16Z1
32 kHz
5 V
144-Pin
TQFP
–40 to +85
°C
16 MHz
2
SPMCK16Z1CPV16
60
MCK68HC16Z1CPV16
300
MCK16Z1CPV16B1
20 MHz
2
SPMCK16Z1CPV20
60
MCK68HC16Z1CPV20
300
MCK16Z1CPV20B1
25 MHz
2
SPMCK16Z1CPV25
60
MCK68HC16Z1CPV25
300
MCK16Z1CPV25B1
–40 to +105
°C
16 MHz
2
SPMCK16Z1VPV16
60
MCK68HC16Z1VPV16
300
MCK16Z1VPV16B1
20 MHz
2
SPMCK16Z1VPV20
60
MCK68HC16Z1VPV20
300
MCK16Z1VPV20B1
25 MHz
2
SPMCK16Z1VPV25
60
MCK68HC16Z1VPV25
300
MCK16Z1VPV25B1
–40 to +125
°C
16 MHz
2
SPMCK16Z1MPV16
60
MCK68HC16Z1MPV16
300
MCK16Z1MPV16B1
20 MHz
2
SPMCK16Z1MPV20
60
MCK68HC16Z1MPV20
300
MCK16Z1MPV20B1
MC68HC16Z1
32 kHz
2.7 V
132-Pin
PQFP
–40 to +85
°C
16 MHz
2
SPMCCK16Z1CFC16
36
MC68CK16Z1CFC16
180
MCCK16Z1CFC16B1
144-Pin
TQFP
–40 to +85
°C
16 MHz
2
SPMCCK16Z1CPV16
60
MC68CK16Z1CPV16
300
MCCK16Z1CPV16B1
MC68HC16Z1
4 MHz
2.7 V
132-Pin
PQFP
–40 to +85
°C
16 MHz
2
SPMCCM16Z1CFC16
36
MC68CM16Z1CFC16
180
MCCM16Z1CFC16B1
Table B-1 M68HC16 Z-Series Ordering Information (Continued)
(Shaded cells indicate preliminary part numbers)
Device
Crystal
Input
Operating
Voltage
Package
Type
Temperature
Frequency
(MHz)
Package
Order
Quantity
Order Number
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com