Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 370 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 370 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 366Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 367Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 368Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 369Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 370Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 371Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 372Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 373Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 374Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 500 page
background image
MECHANICAL DATA AND ORDERING INFORMATION
M68HC16 Z SERIES
B-14
USER’S MANUAL
MC68HC16Z3
(RTOS)
4 MHz
5 V
132-Pin
PQFP
–40 to +85
°C
16 MHz
2
SPMCM16Z3RCFC16
36
MCM16Z3RCFC16
180
MCM16Z3RCFC16B1
20 MHz
2
SPMCM16Z3RCFC20
36
MCM16Z3RCFC20
180
MCM16Z3RCFC20B1
25 MHz
2
SPMCM16Z3RCFC25
36
MCM16Z3RCFC25
180
MCM16Z3RCFC25B1
–40 to +105
°C
16 MHz
2
SPMCM16Z3RVFC16
36
MCM16Z3RVFC16
180
MCM16Z3RVFC16B1
20 MHz
2
SPMCM16Z3RVFC20
36
MCM16Z3RVFC20
180
MCM16Z3RVFC20B1
25 MHz
2
SPMCM16Z3RVFC25
36
MCM16Z3RVFC25
180
MCM16Z3RVFC25B1
–40 to +125
°C
16 MHz
2
SPMCM16Z3RMFC16
36
MCM16Z3RMFC16
180
MCM16Z3RMFC16B1
20 MHz
2
SPMCM16Z3RMFC20
36
MCM16Z3RMFC20
180
MCM16Z3RMFC20B1
144-Pin
TQFP
–40 to +85
°C
16 MHz
2
SPMCM16Z3RCPV16
60
MCM16Z3RCPV16
300
MCM16Z3RCPV16B1
20 MHz
2
SPMCM16Z3RCPV20
60
MCM16Z3RCPV20
300
MCM16Z3RCPV20B1
25 MHz
2
SPMCM16Z3RCPV25
60
MCM16Z3RCPV25
300
MCM16Z3RCPV25B1
Table B-1 M68HC16 Z-Series Ordering Information (Continued)
(Shaded cells indicate preliminary part numbers)
Device
Crystal
Input
Operating
Voltage
Package
Type
Temperature
Frequency
(MHz)
Package
Order
Quantity
Order Number
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com